Electronic Components Datasheet Search
  English  ▼

X  

ATmega328P Datasheet(PDF) 340 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 340 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 336Page - ATMEL Corporation ATmega328P Datasheet HTML 337Page - ATMEL Corporation ATmega328P Datasheet HTML 338Page - ATMEL Corporation ATmega328P Datasheet HTML 339Page - ATMEL Corporation ATmega328P Datasheet HTML 340Page - ATMEL Corporation ATmega328P Datasheet HTML 341Page - ATMEL Corporation ATmega328P Datasheet HTML 342Page - ATMEL Corporation ATmega328P Datasheet HTML 343Page - ATMEL Corporation ATmega328P Datasheet HTML 344Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 345 page
background image
340
7810A–AVR–11/09
ATmega328P [Preliminary]
13
I/O-Ports .................................................................................................. 66
13.1
Overview ..........................................................................................................66
13.2
Ports as General Digital I/O .............................................................................67
13.3
Alternate Port Functions ..................................................................................71
13.4
Register Description ........................................................................................84
14
8-bit Timer/Counter0 with PWM ............................................................ 86
14.1
Features ..........................................................................................................86
14.2
Overview ..........................................................................................................86
14.3
Timer/Counter Clock Sources .........................................................................87
14.4
Counter Unit ....................................................................................................87
14.5
Output Compare Unit .......................................................................................88
14.6
Compare Match Output Unit ............................................................................90
14.7
Modes of Operation .........................................................................................91
14.8
Timer/Counter Timing Diagrams .....................................................................95
14.9
Register Description ........................................................................................97
15
16-bit Timer/Counter1 with PWM ........................................................ 104
15.1
Features ........................................................................................................104
15.2
Overview ........................................................................................................104
15.3
Accessing 16-bit Registers ............................................................................106
15.4
Timer/Counter Clock Sources .......................................................................109
15.5
Counter Unit ..................................................................................................110
15.6
Input Capture Unit .........................................................................................111
15.7
Output Compare Units ...................................................................................113
15.8
Compare Match Output Unit ..........................................................................115
15.9
Modes of Operation .......................................................................................116
15.10
Timer/Counter Timing Diagrams ...................................................................124
15.11
Register Description ......................................................................................126
16
Timer/Counter0 and Timer/Counter1 Prescalers .............................. 133
16.1
Internal Clock Source ....................................................................................133
16.2
Prescaler Reset .............................................................................................133
16.3
External Clock Source ...................................................................................133
16.4
Register Description ......................................................................................135
17
8-bit Timer/Counter2 with PWM and Asynchronous Operation ...... 136
17.1
Features ........................................................................................................136
17.2
Overview ........................................................................................................136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com