Electronic Components Datasheet Search
  English  ▼

X  

ATtiny48-MMH Datasheet(PDF) 260 Page - ATMEL Corporation

Part # ATtiny48-MMH
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MMH Datasheet(HTML) 260 Page - ATMEL Corporation

Back Button ATtiny48-MMH Datasheet HTML 256Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 257Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 258Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 259Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 260Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 261Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 262Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 263Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 264Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 266 page
background image
ii
8008C–AVR–03/09
ATtiny48/88
6.6
Clock Output Buffer .........................................................................................30
6.7
System Clock Prescaler ..................................................................................30
6.8
Register Description ........................................................................................31
7
Power Management and Sleep Modes ................................................. 33
7.1
Sleep Modes ....................................................................................................33
7.2
Software BOD Disable .....................................................................................34
7.3
Minimizing Power Consumption ......................................................................35
7.4
Register Description ........................................................................................36
8
System Control and Reset .................................................................... 39
8.1
Resetting the AVR ...........................................................................................39
8.2
Reset Sources .................................................................................................40
8.3
Internal Voltage Reference ..............................................................................42
8.4
Watchdog Timer ..............................................................................................42
8.5
Register Description ........................................................................................44
9
Interrupts ................................................................................................ 47
9.1
Interrupt Vectors ..............................................................................................47
9.2
External Interrupts ...........................................................................................48
9.3
Register Description ........................................................................................50
10
I/O-Ports .................................................................................................. 55
10.1
Introduction ......................................................................................................55
10.2
Ports as General Digital I/O .............................................................................56
10.3
Alternate Port Functions ..................................................................................60
10.4
Register Description ........................................................................................72
11
8-bit Timer/Counter0 .............................................................................. 75
11.1
Features ..........................................................................................................75
11.2
Overview ..........................................................................................................75
11.3
Timer/Counter Clock Sources .........................................................................76
11.4
Counter Unit ....................................................................................................76
11.5
Output Compare Unit .......................................................................................77
11.6
Modes of Operation .........................................................................................78
11.7
Timer/Counter Timing Diagrams .....................................................................79
11.8
8-bit Timer/Counter Register Description ........................................................80
12
16-bit Timer/Counter1 with PWM .......................................................... 84
12.1
Features ..........................................................................................................84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com