Electronic Components Datasheet Search
  English  ▼

X  

ATmega3250P Datasheet(PDF) 174 Page - ATMEL Corporation

Part # ATmega3250P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3250P Datasheet(HTML) 174 Page - ATMEL Corporation

Back Button ATmega3250P Datasheet HTML 170Page - ATMEL Corporation ATmega3250P Datasheet HTML 171Page - ATMEL Corporation ATmega3250P Datasheet HTML 172Page - ATMEL Corporation ATmega3250P Datasheet HTML 173Page - ATMEL Corporation ATmega3250P Datasheet HTML 174Page - ATMEL Corporation ATmega3250P Datasheet HTML 175Page - ATMEL Corporation ATmega3250P Datasheet HTML 176Page - ATMEL Corporation ATmega3250P Datasheet HTML 177Page - ATMEL Corporation ATmega3250P Datasheet HTML 178Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 364 page
background image
174
8023F–AVR–07/09
ATmega325P/3250P
bits of the data read from the UDRn will be masked to zero. The USART has to be initialized
before the function can be used.
Note:
1. See Section “5.” on page 10.
The function simply waits for data to be present in the receive buffer by checking the RXCn Flag,
before reading the buffer and returning the value.
18.7.2
Receiving Frames with 9 Data Bits
If 9-bit characters are used (UCSZ=7), the ninth bit must be read from the RXB8n bit in UCSRnB
before reading the low bits from the UDRn. This rule applies to the FEn, DORn and UPEn Status
Flags as well. Read status from UCSRnA, then data from UDRn. Reading the UDRn I/O location
will change the state of the receive buffer FIFO and consequently the TXB8n, FEn, DORn and
UPEn bits, which all are stored in the FIFO, will change.
Assembly Code Example
(1)
USART_Receive:
; Wait for data to be received
sbis
UCSR0A, RXC0
rjmp
USART_Receive
; Get and return received data from buffer
in
r16, UDR0
ret
C Code Example(1)
unsigned char
USART_Receive( void )
{
/* Wait for data to be received */
while
( !(UCSR0A & (1<<RXC0)) )
;
/* Get and return received data from buffer */
return
UDR0;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com