Electronic Components Datasheet Search
  English  ▼

X  

ATmega3250P Datasheet(PDF) 308 Page - ATMEL Corporation

Part # ATmega3250P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3250P Datasheet(HTML) 308 Page - ATMEL Corporation

Back Button ATmega3250P Datasheet HTML 304Page - ATMEL Corporation ATmega3250P Datasheet HTML 305Page - ATMEL Corporation ATmega3250P Datasheet HTML 306Page - ATMEL Corporation ATmega3250P Datasheet HTML 307Page - ATMEL Corporation ATmega3250P Datasheet HTML 308Page - ATMEL Corporation ATmega3250P Datasheet HTML 309Page - ATMEL Corporation ATmega3250P Datasheet HTML 310Page - ATMEL Corporation ATmega3250P Datasheet HTML 311Page - ATMEL Corporation ATmega3250P Datasheet HTML 312Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 364 page
background image
308
8023F–AVR–07/09
ATmega325P/3250P
26.5
System and Reset Characterizations
26.6
Standard Power-on Reset
This implementation of power-on reset existed in early versions of ATmega325P/3250P. The
table below describes the characteristics of this power-on reset and it is valid for the following
devices, only:
• ATmega325P revision B and older
• ATmega3250P revision B and older
Note:
1. The Power-on Reset will not work unless the supply voltage has been below VPOT (falling)
26.7
Enhanced Power-on Reset
This implementation of power-on reset exists in newer versions of ATmega325P/3250P. The
table below describes the characteristics of this power-on reset and it is valid for the following
devices only:
• ATmega325P revision C and newer
• ATmega3250P revision C and newer
Table 26-3.
Reset, Brown-out, and Internal Voltage Reference Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
VRST
RESET Pin Threshold Voltage
VCC = 3V
0.2 VCC
0.85 VCC
V
tRST
Minimum pulse width on RESET Pin
V
CC = 3V
800
ns
VHYST
Brown-out Detector Hysteresis
50
mV
tBOD
Min Pulse Width on Brown-out Reset
2
µs
VBG
Bandgap reference voltage
V
CC = 2.7V,
TA = 25°C
1.0
1.1
1.2
V
tBG
Bandgap reference start-up time
VCC = 2.7V,
T
A = 25°C
40
70
µs
IBG
Bandgap reference current consumption
VCC = 2.7V,
TA = 25°C
15
µA
Table 26-4.
Reset, Brown-out, and Internal Voltage Reference Characteristics,
TA = -40°C to 85°C
Symbol
Parameter
Min
Typ
Max
Units
VPOT
Power-on Reset Threshold Voltage (rising)
0.7
1.0
1.4
V
Power-on Reset Threshold Voltage (falling)(1)
0.05
0.9
1.3
V
SRON
Power-on Slope Rate
0.01
4.5
V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com