Electronic Components Datasheet Search
  English  ▼

X  

ATmega1284P Datasheet(PDF) 105 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 105 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 101Page - ATMEL Corporation ATmega1284P Datasheet HTML 102Page - ATMEL Corporation ATmega1284P Datasheet HTML 103Page - ATMEL Corporation ATmega1284P Datasheet HTML 104Page - ATMEL Corporation ATmega1284P Datasheet HTML 105Page - ATMEL Corporation ATmega1284P Datasheet HTML 106Page - ATMEL Corporation ATmega1284P Datasheet HTML 107Page - ATMEL Corporation ATmega1284P Datasheet HTML 108Page - ATMEL Corporation ATmega1284P Datasheet HTML 109Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 380 page
background image
105
8059D–AVR–11/09
ATmega1284P
Table 13-7 on page 105 shows the COM0B1:0 bit functionality when the WGM02:0 bits are set
to phase correct PWM mode.
Note:
1. A special case occurs when OCR0B equals TOP and COM0B1 is set. In this case, the Com-
pare Match is ignored, but the set or clear is done at TOP. See ”Phase Correct PWM Mode” on
page 100 for more details.
• Bits 3:2 – Res: Reserved Bits
These bits are reserved bits in the ATmega1284P and will always read as zero.
• Bits 1:0 – WGM01:0: Waveform Generation Mode
Combined with the WGM02 bit found in the TCCR0B Register, these bits control the counting
sequence of the counter, the source for maximum (TOP) counter value, and what type of wave-
form generation to be used, see Table 13-8 on page 105. Modes of operation supported by the
Timer/Counter unit are: Normal mode (counter), Clear Timer on Compare Match (CTC) mode,
and two types of Pulse Width Modulation (PWM) modes (see ”Modes of Operation” on page
122).
Notes:
1. MAX
= 0xFF
2. BOTTOM = 0x00
Table 13-7.
Compare Output Mode, Phase Correct PWM Mode(1)
COM0B1
COM0B0
Description
0
0
Normal port operation, OC0B disconnected.
01
Reserved
10
Clear OC0B on Compare Match when up-counting. Set OC0B on
Compare Match when down-counting.
11
Set OC0B on Compare Match when up-counting. Clear OC0B on
Compare Match when down-counting.
Table 13-8.
Waveform Generation Mode Bit Description
Mode
WGM2
WGM1
WGM0
Timer/Counter
Mode of
Operation
TOP
Update of
OCRx at
TOV Flag
Set on
(1)(2)
0
0
0
0
Normal
0xFF
Immediate
MAX
10
0
1
PWM, Phase
Correct
0xFF
TOP
BOTTOM
2
0
1
0
CTC
OCRA
Immediate
MAX
3
0
1
1
Fast PWM
0xFF
BOTTOM
MAX
4
1
0
0
Reserved
–
–
–
51
0
1
PWM, Phase
Correct
OCRA
TOP
BOTTOM
6
1
1
0
Reserved
–
–
–
7
1
1
1
Fast PWM
OCRA
BOTTOM
TOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com