Electronic Components Datasheet Search
  English  ▼

X  

ATmega1284P Datasheet(PDF) 139 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 139 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 135Page - ATMEL Corporation ATmega1284P Datasheet HTML 136Page - ATMEL Corporation ATmega1284P Datasheet HTML 137Page - ATMEL Corporation ATmega1284P Datasheet HTML 138Page - ATMEL Corporation ATmega1284P Datasheet HTML 139Page - ATMEL Corporation ATmega1284P Datasheet HTML 140Page - ATMEL Corporation ATmega1284P Datasheet HTML 141Page - ATMEL Corporation ATmega1284P Datasheet HTML 142Page - ATMEL Corporation ATmega1284P Datasheet HTML 143Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 380 page
background image
139
8059D–AVR–11/09
ATmega1284P
• Bit 2 – OCF3B: Timer/Counter3, Output Compare B Match Flag
This flag is set in the timer clock cycle after the counter (TCNT3) value matches the Output
Compare Register B (OCR3B).
Note that a Forced Output Compare (FOC3B) strobe will not set the OCF3B Flag.
OCF3B is automatically cleared when the Output Compare Match B Interrupt Vector is exe-
cuted. Alternatively, OCF3B can be cleared by writing a logic one to its bit location.
• Bit 1 – OCF3A: Timer/Counter3, Output Compare A Match Flag
This flag is set in the timer clock cycle after the counter (TCNT3) value matches the Output
Compare Register A (OCR3A).
Note that a Forced Output Compare (FOC3A) strobe will not set the OCF3A Flag.
OCF3A is automatically cleared when the Output Compare Match A Interrupt Vector is exe-
cuted. Alternatively, OCF3A can be cleared by writing a logic one to its bit location.
• Bit 0 – TOV3: Timer/Counter1, Overflow Flag
The setting of this flag is dependent of the WGMn3:0 bits setting. In Normal and CTC modes,
the TOV3 Flag is set when the timer overflows. Refer to Table 14-5 on page 133 for the TOV3
Flag behavior when using another WGMn3:0 bit setting.
TOV3 is automatically cleared when the Timer/Counter3 Overflow Interrupt Vector is executed.
Alternatively, TOV3 can be cleared by writing a logic one to its bit location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com