Electronic Components Datasheet Search
  English  ▼

X  

ATmega1284P Datasheet(PDF) 171 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 171 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 167Page - ATMEL Corporation ATmega1284P Datasheet HTML 168Page - ATMEL Corporation ATmega1284P Datasheet HTML 169Page - ATMEL Corporation ATmega1284P Datasheet HTML 170Page - ATMEL Corporation ATmega1284P Datasheet HTML 171Page - ATMEL Corporation ATmega1284P Datasheet HTML 172Page - ATMEL Corporation ATmega1284P Datasheet HTML 173Page - ATMEL Corporation ATmega1284P Datasheet HTML 174Page - ATMEL Corporation ATmega1284P Datasheet HTML 175Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 380 page
background image
171
8059D–AVR–11/09
ATmega1284P
17. USART
17.1
Features
• Full Duplex Operation (Independent Serial Receive and Transmit Registers)
• Asynchronous or Synchronous Operation
• Master or Slave Clocked Synchronous Operation
• High Resolution Baud Rate Generator
• Supports Serial Frames with 5, 6, 7, 8, or 9 Data Bits and 1 or 2 Stop Bits
• Odd or Even Parity Generation and Parity Check Supported by Hardware
• Data OverRun Detection
• Framing Error Detection
• Noise Filtering Includes False Start Bit Detection and Digital Low Pass Filter
• Three Separate Interrupts on TX Complete, TX Data Register Empty and RX Complete
• Multi-processor Communication Mode
• Double Speed Asynchronous Communication Mode
17.2
USART1 and USART0
The ATmega1284P has two USART’s, USART0 and USART1.
The functionality for all USART’s is described below, most register and bit references in this sec-
tion are written in general form. A lower case “n” replaces the USART number.
USART0 and USART1 have different I/O registers as shown in ”Register Summary” on page
360.
17.3
Overview
The Universal Synchronous and Asynchronous serial Receiver and Transmitter (USART) is a
highly flexible serial communication device.
A simplified block diagram of the USART Transmitter is shown in Figure 17-1 on page 172. CPU
accessible I/O Registers and I/O pins are shown in bold.
The Power Reducion USART0 bit, PRUSART0, in ”PRR0 – Power Reduction Register 0” on
page 46 must be disabled by writing a logical zero to it.
The Power Reducion USART1 bit, PRUSART1, in ”PRR0 – Power Reduction Register 0” on
page 46 must be disabled by writing a logical zero to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com