Electronic Components Datasheet Search
  English  ▼

X  

ATmega1284P Datasheet(PDF) 317 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 317 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 313Page - ATMEL Corporation ATmega1284P Datasheet HTML 314Page - ATMEL Corporation ATmega1284P Datasheet HTML 315Page - ATMEL Corporation ATmega1284P Datasheet HTML 316Page - ATMEL Corporation ATmega1284P Datasheet HTML 317Page - ATMEL Corporation ATmega1284P Datasheet HTML 318Page - ATMEL Corporation ATmega1284P Datasheet HTML 319Page - ATMEL Corporation ATmega1284P Datasheet HTML 320Page - ATMEL Corporation ATmega1284P Datasheet HTML 321Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 380 page
background image
317
8059D–AVR–11/09
ATmega1284P
Notes:
1. This command sequence is not required if the seven MSB are correctly set by the previous command sequence (which is
normally the case).
2. Repeat until o = “1”.
3. Set bits to “0” to program the corresponding Fuse, “1” to unprogram the Fuse.
4. Set bits to “0” to program the corresponding Lock bit, “1” to leave the Lock bit unchanged.
5. “0” = programmed, “1” = unprogrammed.
6. The bit mapping for Fuses Extended byte is listed in Table 25-3 on page 292
7. The bit mapping for Fuses High byte is listed in Table 25-4 on page 293
8. The bit mapping for Fuses Low byte is listed in Table 25-5 on page 293
9. The bit mapping for Lock bits byte is listed in Table 25-1 on page 291
10. Address bits exceeding PCMSB and EEAMSB (Table 25-7 and Table 25-8) are don’t care
11. All TDI and TDO sequences are represented by binary digits (0b...).
8e. Read Lock Bits(9)
0110110_00000000
0110111_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_xxoooooo
(5)
8f. Read Fuses and Lock Bits
0111010_00000000
0111110_00000000
0110010_00000000
0110110_00000000
0110111_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_oooooooo
xxxxxxx_oooooooo
xxxxxxx_oooooooo
xxxxxxx_oooooooo
(5)
Fuse Ext. byte
Fuse High byte
Fuse Low byte
Lock bits
9a. Enter Signature Byte Read
0100011_00001000
xxxxxxx_xxxxxxxx
9b. Load Address Byte
0000011_bbbbbbbb
xxxxxxx_xxxxxxxx
9c. Read Signature Byte
0110010_00000000
0110011_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_oooooooo
10a. Enter Calibration Byte Read
0100011_00001000
xxxxxxx_xxxxxxxx
10b. Load Address Byte
0000011_bbbbbbbb
xxxxxxx_xxxxxxxx
10c. Read Calibration Byte
0110110_00000000
0110111_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_oooooooo
11a. Load No Operation Command
0100011_00000000
0110011_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
Table 25-18. JTAG Programming Instruction (Continued)
Set (Continued) a = address high bits, b = address low bits, c = address extended bits, H = 0 - Low byte, 1 - High Byte,
o = data out, i = data in, x = don’t care
Instruction
TDI Sequence
TDO Sequence
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com