Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 222 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 222 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 218Page - ATMEL Corporation ATmega16A Datasheet HTML 219Page - ATMEL Corporation ATmega16A Datasheet HTML 220Page - ATMEL Corporation ATmega16A Datasheet HTML 221Page - ATMEL Corporation ATmega16A Datasheet HTML 222Page - ATMEL Corporation ATmega16A Datasheet HTML 223Page - ATMEL Corporation ATmega16A Datasheet HTML 224Page - ATMEL Corporation ATmega16A Datasheet HTML 225Page - ATMEL Corporation ATmega16A Datasheet HTML 226Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 352 page
background image
222
8154B–AVR–07/09
ATmega16A
• Bits 4:0 – MUX4:0: Analog Channel and Gain Selection Bits
The value of these bits selects which combination of analog inputs are connected to the ADC.
These bits also select the gain for the differential channels. See Table 22-4 for details. If these
bits are changed during a conversion, the change will not go in effect until this conversion is
complete (ADIF in ADCSRA is set).
Table 22-4.
Input Channel and Gain Selections
MUX4:0
Single Ended
Input
Positive Differential
Input
Negative Differential Input
Gain
00000
ADC0
00001
ADC1
00010
ADC2
00011
ADC3
N/A
00100
ADC4
00101
ADC5
00110
ADC6
00111
ADC7
01000
ADC0
ADC0
10x
01001
ADC1
ADC0
10x
01010(1)
ADC0
ADC0
200x
01011(1)
ADC1
ADC0
200x
01100
ADC2
ADC2
10x
01101
ADC3
ADC2
10x
01110(1)
ADC2
ADC2
200x
01111(1)
ADC3
ADC2
200x
10000
ADC0
ADC1
1x
10001
ADC1
ADC1
1x
10010
N/A
ADC2
ADC1
1x
10011
ADC3
ADC1
1x
10100
ADC4
ADC1
1x
10101
ADC5
ADC1
1x
10110
ADC6
ADC1
1x
10111
ADC7
ADC1
1x
11000
ADC0
ADC2
1x
11001
ADC1
ADC2
1x
11010
ADC2
ADC2
1x
11011
ADC3
ADC2
1x
11100
ADC4
ADC2
1x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com