Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 254 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 254 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 250Page - ATMEL Corporation ATmega16A Datasheet HTML 251Page - ATMEL Corporation ATmega16A Datasheet HTML 252Page - ATMEL Corporation ATmega16A Datasheet HTML 253Page - ATMEL Corporation ATmega16A Datasheet HTML 254Page - ATMEL Corporation ATmega16A Datasheet HTML 255Page - ATMEL Corporation ATmega16A Datasheet HTML 256Page - ATMEL Corporation ATmega16A Datasheet HTML 257Page - ATMEL Corporation ATmega16A Datasheet HTML 258Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 352 page
background image
254
8154B–AVR–07/09
ATmega16A
Note:
1. “1” means unprogrammed, “0” means programmed
Note:
1. “1” means unprogrammed, “0” means programmed
25.6
Entering the Boot Loader Program
Entering the Boot Loader takes place by a jump or call from the application program. This may
be initiated by a trigger such as a command received via USART, or SPI interface. Alternatively,
the Boot Reset Fuse can be programmed so that the Reset Vector is pointing to the Boot Flash
start address after a reset. In this case, the Boot Loader is started after a reset. After the applica-
tion code is loaded, the program can start executing the application code. Note that the fuses
cannot be changed by the MCU itself. This means that once the Boot Reset Fuse is pro-
grammed, the Reset Vector will always point to the Boot Loader Reset and the fuse can only be
changed through the serial or parallel programming interface.
Table 25-2.
Boot Lock Bit0 Protection Modes (Application Section)(1)
BLB0 Mode
BLB02
BLB01
Protection
11
1
No restrictions for SPM or LPM accessing the Application
section.
2
1
0
SPM is not allowed to write to the Application section.
30
0
SPM is not allowed to write to the Application section, and LPM
executing from the Boot Loader section is not allowed to read
from the Application section. If interrupt vectors are placed in the
Boot Loader section, interrupts are disabled while executing
from the Application section.
40
1
LPM executing from the Boot Loader section is not allowed to
read from the Application section. If interrupt vectors are placed
in the Boot Loader section, interrupts are disabled while
executing from the Application section.
Table 25-3.
Boot Lock Bit1 Protection Modes (Boot Loader Section)
(1)
BLB1 mode
BLB12
BLB11
Protection
11
1
No restrictions for SPM or LPM accessing the Boot Loader
section.
2
1
0
SPM is not allowed to write to the Boot Loader section.
30
0
SPM is not allowed to write to the Boot Loader section, and LPM
executing from the Application section is not allowed to read
from the Boot Loader section. If interrupt vectors are placed in
the Application section, interrupts are disabled while executing
from the Boot Loader section.
40
1
LPM executing from the Application section is not allowed to
read from the Boot Loader section. If interrupt vectors are
placed in the Application section, interrupts are disabled while
executing from the Boot Loader section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com