Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 283 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 283 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 279Page - ATMEL Corporation ATmega16A Datasheet HTML 280Page - ATMEL Corporation ATmega16A Datasheet HTML 281Page - ATMEL Corporation ATmega16A Datasheet HTML 282Page - ATMEL Corporation ATmega16A Datasheet HTML 283Page - ATMEL Corporation ATmega16A Datasheet HTML 284Page - ATMEL Corporation ATmega16A Datasheet HTML 285Page - ATMEL Corporation ATmega16A Datasheet HTML 286Page - ATMEL Corporation ATmega16A Datasheet HTML 287Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 352 page
background image
283
8154B–AVR–07/09
ATmega16A
• Shift-DR: Flash data are automatically read one byte at a time and shifted out on TDO by the
TCK input. The TDI input is ignored.
Note:
The JTAG instruction PROG_PAGEREAD can only be used if the AVR device is the first device in
JTAG scan chain. If the AVR cannot be the first device in the scan chain, the byte-wise program-
ming algorithm must be used.
26.10.7
Data Registers
The Data Registers are selected by the JTAG Instruction Registers described in section “Pro-
gramming Specific JTAG Instructions” on page 280. The Data Registers relevant for
programming operations are:
• Reset Register
• Programming Enable Register
• Programming Command Register
• Virtual Flash Page Load Register
• Virtual Flash Page Read Register
26.10.8
Reset Register
The Reset Register is a Test Data Register used to reset the part during programming. It is
required to reset the part before entering programming mode.
A high value in the Reset Register corresponds to pulling the external Reset low. The part is
reset as long as there is a high value present in the Reset Register. Depending on the Fuse set-
tings for the clock options, the part will remain reset for a Reset Time-out Period (refer to “Clock
Sources” on page 25) after releasing the Reset Register. The output from this Data Register is
not latched, so the reset will take place immediately, as shown in Figure 24-2 on page 234.
26.10.9
Programming Enable Register
The Programming Enable Register is a 16-bit register. The contents of this register is compared
to the programming enable signature, binary code 1010_0011_0111_0000. When the contents
of the register is equal to the programming enable signature, programming via the JTAG port is
enabled. The register is reset to 0 on Power-on Reset, and should always be reset when leaving
Programming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com