Electronic Components Datasheet Search
  English  ▼

X  

ATmega164PA Datasheet(PDF) 329 Page - ATMEL Corporation

Part # ATmega164PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164PA Datasheet(HTML) 329 Page - ATMEL Corporation

Back Button ATmega164PA Datasheet HTML 325Page - ATMEL Corporation ATmega164PA Datasheet HTML 326Page - ATMEL Corporation ATmega164PA Datasheet HTML 327Page - ATMEL Corporation ATmega164PA Datasheet HTML 328Page - ATMEL Corporation ATmega164PA Datasheet HTML 329Page - ATMEL Corporation ATmega164PA Datasheet HTML 330Page - ATMEL Corporation ATmega164PA Datasheet HTML 331Page - ATMEL Corporation ATmega164PA Datasheet HTML 332Page - ATMEL Corporation ATmega164PA Datasheet HTML 333Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 468 page
background image
329
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
Notes:
1. "Max" means the highest value where the pin is guaranteed to be read as low
2. "Min" means the lowest value where the pin is guaranteed to be read as high
3. Although each I/O port can sink more than the test conditions (20mA at VCC = 5V, 10mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
1.)The sum of all IOL, for ports PB0-PB7, XTAL2, PD0-PD7 should not exceed 100 mA.
2.)The sum of all IOL, for ports PA0-PA3, PC0-PC7 should not exceed 100 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
4. Although each I/O port can source more than the test conditions (20mA at VCC = 5V, 10mA at VCC = 3V) under steady
state conditions (non-transient), the following must be observed:
1.)The sum of all IOH, for ports PB0-PB7, XTAL2, PD0-PD7 should not exceed 100 mA.
2.)The sum of all IOH, for ports PA0-PA3, PC0-PC7 should not exceed 100 mA.
If IOH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current
greater than the listed test condition.
5. These numbers are valid for ATmega164PA and ATmega324PA.
VACIO
Analog Comparator
Input Offset Voltage
VCC = 5V
Vin = VCC/2
<10
40
mV
IACLK
Analog Comparator
Input Leakage Current
VCC = 5V
Vin = VCC/2
-50
50
nA
tACID
Analog Comparator
Propagation Delay
VCC = 2.7V
VCC = 4.0V
750
500
ns
Table 27-1.
T
A = -40°C to 85°C, VCC = 1.8V to 5.5V (unless otherwise noted) (Continued)
Symbol
Parameter
Condition
Min.(5)
Typ.
Max.(5)
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com