Electronic Components Datasheet Search
  English  ▼

X  

ATmega164PA Datasheet(PDF) 336 Page - ATMEL Corporation

Part # ATmega164PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164PA Datasheet(HTML) 336 Page - ATMEL Corporation

Back Button ATmega164PA Datasheet HTML 332Page - ATMEL Corporation ATmega164PA Datasheet HTML 333Page - ATMEL Corporation ATmega164PA Datasheet HTML 334Page - ATMEL Corporation ATmega164PA Datasheet HTML 335Page - ATMEL Corporation ATmega164PA Datasheet HTML 336Page - ATMEL Corporation ATmega164PA Datasheet HTML 337Page - ATMEL Corporation ATmega164PA Datasheet HTML 338Page - ATMEL Corporation ATmega164PA Datasheet HTML 339Page - ATMEL Corporation ATmega164PA Datasheet HTML 340Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 468 page
background image
336
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
Figure 27-4. SPI Interface Timing Requirements (Slave Mode)
27.7
2-wire Serial Interface Characteristics
T able 27 -1 2 d e sc r i b e s the re qu ir em en ts f o r d e v i ce s co nn ect ed to the 2 - wire Ser i al Bu s . T h e
ATmega164PA/324PA/644PA/1284P 2-wire Serial Interface meets or exceeds these requirements under the noted
conditions.
Timing symbols refer to Figure 27-5.
MISO
(Data Output)
SCK
(CPOL = 1)
MOSI
(Data Input)
SCK
(CPOL = 0)
SS
MSB
LSB
LSB
MSB
...
...
10
11
11
12
13
14
17
15
9
X
16
Table 27-12. 2-wire Serial Bus Requirements
Symbol
Parameter
Condition
Min
Max
Units
V
IL
Input Low-voltage
-0.5
0.3 V
CC
V
V
IH
Input High-voltage
0.7 V
CC
V
CC + 0.5
V
Vhys
(1)
Hysteresis of Schmitt Trigger Inputs
0.05 VCC
(2)
–V
V
OL
(1)
Output Low-voltage
3 mA sink current
0
0.4
V
t
r
(1)
Rise Time for both SDA and SCL
20 + 0.1C
b
(2)(3)
300
ns
tof
(1)
Output Fall Time from VIHmin to VILmax
10 pF < Cb < 400 pF
(3)
20 + 0.1Cb
(2)(3)
250
ns
t
SP
(1)
Spikes Suppressed by Input Filter
0
50(2)
ns
I
i
Input Current each I/O Pin
0.1V
CC < Vi < 0.9VCC
-10
10
µA
Ci
(1)
Capacitance for each I/O Pin
–
10
pF
f
SCL
SCL Clock Frequency
f
CK
(4) > max(16f
SCL, 250kHz)
(5)
0
400
kHz
Rp
Value of Pull-up resistor
f
SCL ≤ 100 kHz
f
SCL > 100 kHz
t
HD;STA
Hold Time (repeated) START Condition
fSCL ≤ 100 kHz
4.0
–
µs
fSCL > 100 kHz
0.6
–
µs
V
CC
0,4V
–
3mA
----------------------------
1000ns
C
b
-------------------
Ω
V
CC
0,4V
–
3mA
----------------------------
300ns
C
b
----------------
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com