Electronic Components Datasheet Search
  English  ▼

X  

ATmega164PA Datasheet(PDF) 356 Page - ATMEL Corporation

Part # ATmega164PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164PA Datasheet(HTML) 356 Page - ATMEL Corporation

Back Button ATmega164PA Datasheet HTML 352Page - ATMEL Corporation ATmega164PA Datasheet HTML 353Page - ATMEL Corporation ATmega164PA Datasheet HTML 354Page - ATMEL Corporation ATmega164PA Datasheet HTML 355Page - ATMEL Corporation ATmega164PA Datasheet HTML 356Page - ATMEL Corporation ATmega164PA Datasheet HTML 357Page - ATMEL Corporation ATmega164PA Datasheet HTML 358Page - ATMEL Corporation ATmega164PA Datasheet HTML 359Page - ATMEL Corporation ATmega164PA Datasheet HTML 360Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 468 page
background image
356
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
Figure 28-27. ATmega164PA: I/O Pin Input Hysteresis vs. V
CC
Figure 28-28. ATmega164PA: Reset Pin Input Threshold vs. V
CC (VIH , I/O Pin Read as ‘1’).
85 °C
25 °C
-40 °C
0
0.1
0.2
0.3
0.4
0.5
0.6
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
85 °C
25 °C
-40 °C
0
0.5
1
1.5
2
2.5
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com