Electronic Components Datasheet Search
  English  ▼

X  

ATmega164PA Datasheet(PDF) 397 Page - ATMEL Corporation

Part # ATmega164PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164PA Datasheet(HTML) 397 Page - ATMEL Corporation

Back Button ATmega164PA Datasheet HTML 393Page - ATMEL Corporation ATmega164PA Datasheet HTML 394Page - ATMEL Corporation ATmega164PA Datasheet HTML 395Page - ATMEL Corporation ATmega164PA Datasheet HTML 396Page - ATMEL Corporation ATmega164PA Datasheet HTML 397Page - ATMEL Corporation ATmega164PA Datasheet HTML 398Page - ATMEL Corporation ATmega164PA Datasheet HTML 399Page - ATMEL Corporation ATmega164PA Datasheet HTML 400Page - ATMEL Corporation ATmega164PA Datasheet HTML 401Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 468 page
background image
397
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
28.3.3
Supply Current of I/O modules
The tables and formulas below can be used to calculate the additional current consumption for
the different I/O modules in Active and Idle mode. The enabling or disabling of the I/O modules
are controlled by the Power Reduction Register. See ”PRR – Power Reduction Register” on
page 49 for details.
It is possible to calculate the typical current consumption based on the numbers from Table 28-6
on page 397 for other V
CC and frequency settings than listed in Table 28-5 on page 397.
Example
Calculate the expected current consumption in idle mode with TIMER1, ADC, and SPI enabled
at V
CC = 2.0V and F = 1MHz. From Table 28-6 on page 397, third column, we see that we need
to add 9.1% for the TIMER1, 17.9% for the ADC, and 12.4% for the SPI module. Reading from
Figure 28-100 on page 394, we find that the idle current consumption is ~0.078 mA at V
CC =
2.0V and F = 1MHz. The total current consumption in idle mode with TIMER1, ADC, and SPI
enabled, gives:
Table 28-5.
Additional Current Consumption for the different I/O modules (absolute values)
PRR bit
Typical numbers in
V
CC = 2V, F = 1 MHz
V
CC = 3V, F = 4 MHz
V
CC = 5V, F = 8 MHz
PRUSART1
5.9 µA
37.3 µA
149 µA
PRUSART0
6.7 µA
40 µA
157.1 µA
PRTWI
9.5 µA
58.9 µA
239.5 µA
PRTIM2
12 µA
74.3 µA
297.6 µA
PRTIM1
6.6 µA
41.4 µA
170.3 µA
PRTIM0
3.1 µA
19.5 µA
78.6 µA
PRADC
16.2 µA
75.4 µA
301.4 µA
PRSPI
9.3 µA
56.6 µA
226.3 µA
Table 28-6.
Additional Current Consumption (percentage) in Active and Idle mode
PRR bit
Additional Current consumption
compared to Active with external
clock (see Figure 28-95 on page
392 and Figure 28-96 on page
392)
Additional Current consumption
compared to Idle with external
clock (see Figure 28-100 on page
394 and Figure 28-101 on page
395)
PRUSART1
1.6%
8.1%
PRUSART0
1.8%
8.8%
PRTWI
2.6%
12.9%
PRTIM2
3.3%
16.3%
PRTIM1
1.9%
9.1%
PRTIM0
0.9%
4.3%
PRADC
3.65%
17.9%
PRSPI
2.5%
12.4%
ICCtotal
0.070 mA (1+ 0.091 + 0.179 + 0.124)
⋅
0.091 mA
≈≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com