Electronic Components Datasheet Search
  English  ▼

X  

ATmega164PA Datasheet(PDF) 460 Page - ATMEL Corporation

Part # ATmega164PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164PA Datasheet(HTML) 460 Page - ATMEL Corporation

Back Button ATmega164PA Datasheet HTML 456Page - ATMEL Corporation ATmega164PA Datasheet HTML 457Page - ATMEL Corporation ATmega164PA Datasheet HTML 458Page - ATMEL Corporation ATmega164PA Datasheet HTML 459Page - ATMEL Corporation ATmega164PA Datasheet HTML 460Page - ATMEL Corporation ATmega164PA Datasheet HTML 461Page - ATMEL Corporation ATmega164PA Datasheet HTML 462Page - ATMEL Corporation ATmega164PA Datasheet HTML 463Page - ATMEL Corporation ATmega164PA Datasheet HTML 464Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 468 page
background image
460
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
34.5
Rev. 8152C- 07/09
34.6
Rev. 8152B- 02/09
34.7
Rev. 8152A- 11/08
1.
Updated ”Features” on page 1 by inserting ATmega644PA device and updated the whole
datasheet accordingly.
2.
Updated ”Overview” on page 5.
3.
Inserted ”Comparison Between ATmega164PA, ATmega324PA and ATmega644PA” on page 6.
4.
Updated “AVR Memories” section included all register description.
5.
Inserted ”ATmega644PA Boot Loader Parameters” on page 291.
6.
Updated “Memory Programming” section included “Device and JTAG ID” and “Page Size” .
7.
Inserted ”ATmega644PA DC Characteristics” on page 329.
8.
Inserted ”ATmega644PA Typical Characteristics” on page 390.
9.
Updated ”Ordering Information” on page 422
10.
Updated ”Errata” on page 430.
1.
Updated ”Features” on page 1 by inserting ATmega164PA device and updated the whole
datasheet accordingly.
2.
Updated ”Overview” on page 5.
3.
Inserted ”Comparison Between ATmega164PA and ATmega324PA” on page 6.
4.
Updated all resgister description in ”AVR CPU Core” on page 10.
5.
Updated “AVR Memories” section included all register description.
6.
Updated ”Calibrated Internal RC Oscillator” on page 37.
7.
Inserted ”ATmega324PA Boot Loader Parameters” on page 289.
8.
Updated “Memory Programming” section included “Device and JTAG ID” and “Page Size” .
9.
Inserted ”ATmega324PA DC Characteristics” on page 327.
10.
Inserted ”ATmega324PA Typical Characteristics” on page 339.
11.
Inserted “ATmega324PA” Ordering Information.
12.
Updated ”Errata” on page 402.
1.
Initial revision (Based on the ATmega164P/324P/644P datasheet 8011K-AVR-09/08).
2.
Changes done compared to ATmega164P/324P/644P datasheet 8011K-AVR-09/08:
– New graphics in ”Typical Characteristics” on page 338
–New ”Ordering Information” on page 422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com