Electronic Components Datasheet Search
  English  ▼

X  

ATmega32A Datasheet(PDF) 248 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 248 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 244Page - ATMEL Corporation ATmega32A Datasheet HTML 245Page - ATMEL Corporation ATmega32A Datasheet HTML 246Page - ATMEL Corporation ATmega32A Datasheet HTML 247Page - ATMEL Corporation ATmega32A Datasheet HTML 248Page - ATMEL Corporation ATmega32A Datasheet HTML 249Page - ATMEL Corporation ATmega32A Datasheet HTML 250Page - ATMEL Corporation ATmega32A Datasheet HTML 251Page - ATMEL Corporation ATmega32A Datasheet HTML 252Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 352 page
background image
248
8155B–AVR–07/09
ATmega32A
112
MUXEN_7
ADC
111
MUXEN_6
110
MUXEN_5
109
MUXEN_4
108
MUXEN_3
107
MUXEN_2
106
MUXEN_1
105
MUXEN_0
104
NEGSEL_2
103
NEGSEL_1
102
NEGSEL_0
101
PASSEN
100
PRECH
99
SCTEST
98
ST
97
VCCREN
96
PB0.Data
Port B
95
PB0.Control
94
PB0.Pullup_Enable
93
PB1.Data
92
PB1.Control
91
PB1.Pullup_Enable
90
PB2.Data
89
PB2.Control
88
PB2.Pullup_Enable
87
PB3.Data
86
PB3.Control
85
PB3.Pullup_Enable
84
PB4.Data
83
PB4.Control
82
PB4.Pullup_Enable
Table 24-7.
ATmega32A Boundary-scan Order (Continued)
Bit Number
Signal Name
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com