Electronic Components Datasheet Search
  English  ▼

X  

ATmega32A Datasheet(PDF) 322 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 322 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 318Page - ATMEL Corporation ATmega32A Datasheet HTML 319Page - ATMEL Corporation ATmega32A Datasheet HTML 320Page - ATMEL Corporation ATmega32A Datasheet HTML 321Page - ATMEL Corporation ATmega32A Datasheet HTML 322Page - ATMEL Corporation ATmega32A Datasheet HTML 323Page - ATMEL Corporation ATmega32A Datasheet HTML 324Page - ATMEL Corporation ATmega32A Datasheet HTML 325Page - ATMEL Corporation ATmega32A Datasheet HTML 326Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 352 page
background image
322
8155B–AVR–07/09
ATmega32A
Figure 28-32. BOD Thresholds vs. Temperature (BOD Level is 2.7V)
Figure 28-33. Bandgap Voltage vs. V
CC
BOD THRESHOLDS vs. TEMPERATURE
BOD LEVEL IS 2.7 V
Rising VCC
Falling VCC
2.6
2.7
2.8
2.9
-60
-40
-20
0
20
40
60
80
100
Temperature (C)
BANDGAP VOLTAGE vs. VCC
85 °C
25 °C
-40 °C
1.232
1.234
1.236
1.238
1.24
1.242
1.244
1.246
1.248
1.25
2.5
33.5
44.5
55.5
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com