Electronic Components Datasheet Search
  English  ▼

X  

ATmega32A Datasheet(PDF) 339 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 339 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 335Page - ATMEL Corporation ATmega32A Datasheet HTML 336Page - ATMEL Corporation ATmega32A Datasheet HTML 337Page - ATMEL Corporation ATmega32A Datasheet HTML 338Page - ATMEL Corporation ATmega32A Datasheet HTML 339Page - ATMEL Corporation ATmega32A Datasheet HTML 340Page - ATMEL Corporation ATmega32A Datasheet HTML 341Page - ATMEL Corporation ATmega32A Datasheet HTML 342Page - ATMEL Corporation ATmega32A Datasheet HTML 343Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 352 page
background image
339
8155B–AVR–07/09
ATmega32A
31. Ordering Information
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
Speed (MHz)
Power Supply
Ordering Code
Package(1)
Operational Range
16
2.7 - 5.5V
ATmega32A-AU(2)
ATmega32A-PU
(2)
ATmega32A-MU(2)
44A
40P6
44M1
Industrial
(-40oC to 85oC)
Package Type
44A
44-lead, 10 x 10 x 1.0 mm, Thin Profile Plastic Quad Flat Package (TQFP)
40P6
40-pin, 0.600” Wide, Plastic Dual Inline Package (PDIP)
44M1
44-pad, 7 x 7 x 1.0 mm, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com