Electronic Components Datasheet Search
  English  ▼

X  

ATmega1284P Datasheet(PDF) 338 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 338 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 334Page - ATMEL Corporation ATmega1284P Datasheet HTML 335Page - ATMEL Corporation ATmega1284P Datasheet HTML 336Page - ATMEL Corporation ATmega1284P Datasheet HTML 337Page - ATMEL Corporation ATmega1284P Datasheet HTML 338Page - ATMEL Corporation ATmega1284P Datasheet HTML 339Page - ATMEL Corporation ATmega1284P Datasheet HTML 340Page - ATMEL Corporation ATmega1284P Datasheet HTML 341Page - ATMEL Corporation ATmega1284P Datasheet HTML 342Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 468 page
background image
338
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
27.8
ADC Characteristics
Notes:
1. Values are guidelines only.
Table 27-13. ADC Characteristics, Single Ended Channel
Symbol
Parameter
Condition
Min(1)
Typ(1)
Max(1)
Units
Resolution
Single Ended Conversion
10
Bits
Absolute accuracy (Including
INL, DNL, quantization error,
gain and offset error)
Single Ended Conversion
VREF = 4V, VCC = 4V,
ADC clock = 200 kHz
1.9
LSB
Single Ended Conversion
VREF = 4V, VCC = 4V,
ADC clock = 1 MHz
3.25
Single Ended Conversion
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
Noise Reduction Mode
1.9
Single Ended Conversion
VREF = 4V, VCC = 4V,
ADC clock = 1 MHz
Noise Reduction Mode
3.25
Integral Non-Linearity (INL)
Single Ended Conversion
VREF = 4V, VCC = 4V,
ADC clock = 200 kHz
1.1
Differential Non-Linearity (DNL)
Single Ended Conversion
VREF = 4V, VCC = 4V,
ADC clock = 200 kHz
0.3
Gain Error
Single Ended Conversion
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
1.6
Offset Error
Single Ended Conversion
VREF = 4V, VCC = 4V,
ADC clock = 200 kHz
-1.5
Conversion Time
Free Running Conversion
13
260
µs
Clock Frequency
Single Ended Conversion
50
1000
kHz
AVCC
Analog Supply Voltage
V
CC - 0.3
V
CC + 0.3
V
VREF
Reference Voltage
1.0
AVCC
V
V
IN
Input Voltage
GND
V
REF
V
Input Bandwidth
38.5
kHz
VINT1
Internal Voltage Reference
1.1V
1.0
1.1
1.2
V
V
INT2
Internal Voltage Reference
2.56V, V
CC > 2.7V
2.33
2.56
2.79
V
RREF
Reference Input Resistance
32
k
Ω
RAIN
Analog Input Resistance
100
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com