Electronic Components Datasheet Search
  English  ▼

X  

ATmega1284P Datasheet(PDF) 349 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 349 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 345Page - ATMEL Corporation ATmega1284P Datasheet HTML 346Page - ATMEL Corporation ATmega1284P Datasheet HTML 347Page - ATMEL Corporation ATmega1284P Datasheet HTML 348Page - ATMEL Corporation ATmega1284P Datasheet HTML 349Page - ATMEL Corporation ATmega1284P Datasheet HTML 350Page - ATMEL Corporation ATmega1284P Datasheet HTML 351Page - ATMEL Corporation ATmega1284P Datasheet HTML 352Page - ATMEL Corporation ATmega1284P Datasheet HTML 353Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 468 page
background image
349
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
28.1.5
Power-save Supply Current
Figure 28-13. ATmega164PA: Power-save Supply Current vs. V
CC (Watchdog Timer Disabled
and 32 kHz Crystal Oscillator Running).
28.1.6
Standby Supply Current
Figure 28-14. ATmega164PA: Standby Supply Current vs. V
CC (Watchdog Timer Disabled).
25 °C
0
0.3
0.6
0.9
1.2
1.5
1.8
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
6MHz_xtal
6MHz_res
4MHz_xtal
4MHz_res
450kHz_res
2MHz_xtal
2MHz_res
1MHz_res
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com