Electronic Components Datasheet Search
  English  ▼

X  

ATmega1284P Datasheet(PDF) 372 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 372 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 368Page - ATMEL Corporation ATmega1284P Datasheet HTML 369Page - ATMEL Corporation ATmega1284P Datasheet HTML 370Page - ATMEL Corporation ATmega1284P Datasheet HTML 371Page - ATMEL Corporation ATmega1284P Datasheet HTML 372Page - ATMEL Corporation ATmega1284P Datasheet HTML 373Page - ATMEL Corporation ATmega1284P Datasheet HTML 374Page - ATMEL Corporation ATmega1284P Datasheet HTML 375Page - ATMEL Corporation ATmega1284P Datasheet HTML 376Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 468 page
background image
372
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
28.2.3
Supply Current of I/O modules
The tables and formulas below can be used to calculate the additional current consumption for
the different I/O modules in Active and Idle mode. The enabling or disabling of the I/O modules
are controlled by the Power Reduction Register. See ”PRR – Power Reduction Register” on
page 49 for details.
It is possible to calculate the typical current consumption based on the numbers from Table 28-4
on page 372 for other V
CC and frequency settings than listed in Table 28-3 on page 372.
Example
Calculate the expected current consumption in idle mode with TIMER1, ADC, and SPI enabled
at V
CC = 2.0V and F = 1MHz. From Table 28-4 on page 372, third column, we see that we need
to add 6.0% for the TIMER1, 14.8% for the ADC, and 10.3% for the SPI module. Reading from
Figure 28-53 on page 369, we find that the idle current consumption is ~0.078 mA at V
CC = 2.0V
and F = 1MHz. The total current consumption in idle mode with TIMER1, ADC, and SPI enabled,
gives:
Table 28-3.
Additional Current Consumption for the different I/O modules (absolute values)
PRR bit
Typical numbers in
V
CC = 2V, F = 1 MHz
V
CC = 3V, F = 4 MHz
V
CC = 5V, F = 8 MHz
PRUSART1
3.1 µA
21.5 µA
100.0 µA
PRUSART0
3.0 µA
21.0 µA
98.2 µA
PRTWI
6.4 µA
45.7 µA
214.5 µA
PRTIM2
5.6 µA
37.7 µA
165.8 µA
PRTIM1
3.6 µA
24.8 µA
107.0 µA
PRTIM0
1.7 µA
10.4 µA
43.2 µA
PRADC
11.8 µA
59.2 µA
257.0 µA
PRSPI
5.3 µA
40.1 µA
206.8 µA
Table 28-4.
Additional Current Consumption (percentage) in Active and Idle mode
PRR bit
Additional Current consumption
compared to Active with external
clock (see Figure 28-48 on page
367 and Figure 28-49 on page
367)
Additional Current consumption
compared to Idle with external
clock (see Figure 28-53 on page
369 and Figure 28-54 on page
370)
PRUSART1
1.4%
5.3%
PRUSART0
1.4%
5.2%
PRTWI
3.0%
11.3%
PRTIM2
2.5%
9.1%
PRTIM1
1.6%
6.0%
PRTIM0
0.7%
2.5%
PRADC
4.2%
14.8%
PRSPI
2.7%
10.3%
ICCtotal
0.078 mA (1+ 0.060 + 0.148 + 0.103)
⋅
0.102 mA
≈≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com