Electronic Components Datasheet Search
  English  ▼

X  

ATmega1284P Datasheet(PDF) 422 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 422 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 418Page - ATMEL Corporation ATmega1284P Datasheet HTML 419Page - ATMEL Corporation ATmega1284P Datasheet HTML 420Page - ATMEL Corporation ATmega1284P Datasheet HTML 421Page - ATMEL Corporation ATmega1284P Datasheet HTML 422Page - ATMEL Corporation ATmega1284P Datasheet HTML 423Page - ATMEL Corporation ATmega1284P Datasheet HTML 424Page - ATMEL Corporation ATmega1284P Datasheet HTML 425Page - ATMEL Corporation ATmega1284P Datasheet HTML 426Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 468 page
background image
422
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
28.4.3
Supply Current of I/O modules
The tables and formulas below can be used to calculate the additional current consumption for
the different I/O modules in Active and Idle mode. The enabling or disabling of the I/O modules
are controlled by the Power Reduction Register. See ”PRR – Power Reduction Register” on
page 49 for details.
It is possible to calculate the typical current consumption based on the numbers from Table 28-6
on page 397 for other V
CC and frequency settings than listed in Table 28-5 on page 397.
Example
Calculate the expected current consumption in idle mode with TIMER1, ADC, and SPI enabled
at V
CC = 2.0V and F = 1MHz. From Table 28-6 on page 397, third column, we see that we need
to add 8.0% for the TIMER1, 19.8% for the ADC, and 13.2% for the SPI module. Reading from
Figure 28-148 on page 420
, we find that the idle current consumption is ~0.075 mA at V
CC = 2.0V
and F = 1MHz. The total current consumption in idle mode with TIMER1, ADC, and SPI enabled,
gives:
Table 28-7.
Additional Current Consumption for the different I/O modules (absolute values)
PRR bit
Typical numbers in
V
CC = 2V, F = 1 MHz
V
CC = 3V, F = 4 MHz
V
CC = 5V, F = 8 MHz
PRUSART1
3.0 µA
19.2 µA
87.7 µA
PRUSART0
2.9 µA
19.2 µA
88.5 µA
PRTWI
7.5 µA
49.3 µA
230.3 µA
PRTIM3
4.0 µA
24.7 µA
105.5 µA
PRTIM2
6.0 µA
39.7 µA
176.3 µA
PRTIM1
4.2 µA
26.4 µA
113.7 µA
PRTIM0
1.7 µA
11.6 µA
54.3 µA
PRADC
13.5 µA
54.7 µA
273 µA
PRSPI
5.7 µA
40.6 µA
212.2 µA
Table 28-8.
Additional Current Consumption (percentage) in Active and Idle mode
PRR bit
Additional Current consumption
compared to Active with external
clock (see Figure 28-142 on page 417
and Figure 28-143 on page 417)
Additional Current consumption
compared to Idle with external clock
(see Figure 28-147 on page 419 and
Figure 28-148 on page 420)
PRUSART1
0.9%
6.0%
PRUSART0
0.9%
6.0%
PRTWI
2.3%
15.4%
PRTIM3
1.1%
7.5%
PRTIM2
1.8%
12.1%
PRTIM1
1.2%
8.0%
PRTIM0
0.5%
3.6%
PRTADC
3.0%
19.8%
PRSPI
2.0%
13.2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com