Electronic Components Datasheet Search
  English  ▼

X  

ATmega64A Datasheet(PDF) 145 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 145 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 141Page - ATMEL Corporation ATmega64A Datasheet HTML 142Page - ATMEL Corporation ATmega64A Datasheet HTML 143Page - ATMEL Corporation ATmega64A Datasheet HTML 144Page - ATMEL Corporation ATmega64A Datasheet HTML 145Page - ATMEL Corporation ATmega64A Datasheet HTML 146Page - ATMEL Corporation ATmega64A Datasheet HTML 147Page - ATMEL Corporation ATmega64A Datasheet HTML 148Page - ATMEL Corporation ATmega64A Datasheet HTML 149Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 392 page
background image
145
8160C–AVR–07/09
ATmega64A
16.1
Register Description
16.1.1
SFIOR – Special Function IO Register
• Bit 7 – TSM: Timer/Counter Synchronization Mode
Writing TSM bit to one activates the Timer/Counter Synchronization mode. In this mode, the
value that is written to PSR0 and PSR321 bits is kept, hence keeping the corresponding pres-
caler reset signals asserted. This ensures that the corresponding Timer/Counters are halted and
can be configured to the same value without the risk of one of them advancing during configura-
tion. When the TSM bit written zero, the PSR0 and PSR321 bits are cleared by hardware, and
the Timer/Counters start counting simultaneously.
• Bit 0 – PSR321: Prescaler Reset Timer/Counter3, Timer/Counter2, and Timer/Counter1
When this bit is one, the Timer/Counter3, Timer/Counter2, and Timer/Counter1 prescaler will be
reset. The bit is normally cleared immediately by hardware, except if the TSM bit is set. Note that
Timer/Counter3 Timer/Counter2, and Timer/Counter1 share the same prescaler and a reset of
this prescaler will affect all three timers.
Bit
7
6
5
4
3
2
1
0
0x20 (0x40)
TSM
–
–
–
ACME
PUD
PSR0
PSR321
SFIOR
Read/Write
R/W
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com