Electronic Components Datasheet Search
  English  ▼

X  

ATmega64A Datasheet(PDF) 163 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 163 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 159Page - ATMEL Corporation ATmega64A Datasheet HTML 160Page - ATMEL Corporation ATmega64A Datasheet HTML 161Page - ATMEL Corporation ATmega64A Datasheet HTML 162Page - ATMEL Corporation ATmega64A Datasheet HTML 163Page - ATMEL Corporation ATmega64A Datasheet HTML 164Page - ATMEL Corporation ATmega64A Datasheet HTML 165Page - ATMEL Corporation ATmega64A Datasheet HTML 166Page - ATMEL Corporation ATmega64A Datasheet HTML 167Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 392 page
background image
163
8160C–AVR–07/09
ATmega64A
When the modulator is enabled the type of modulation (logical AND or OR) can be selected by
the PORTB7 Register. Note that the DDRB7 controls the direction of the port independent of the
COMnx1:0 bit setting.
18.2.1
Timing Example
Figure 18-2 illustrates the modulator in action. In this example the Timer/Counter1 is set to oper-
ate in fast PWM mode (non-inverted) and Timer/Counter2 uses CTC waveform mode with toggle
Compare Output mode (COMnx1:0 = 1).
Figure 18-2. Output Compare Modulator, Timing Diagram
In this example, Timer/Counter2 provides the carrier, while the modulating signal is generated
by the Output Compare unit C of the Timer/Counter1.The resolution of the PWM signal (OC1C)
is reduced by the modulation. The reduction factor is equal to the number of system clock cycles
of one period of the carrier (OC2). In this example the resolution is reduced by a factor of two.
The reason for the reduction is illustrated in Figure 18-2 at the second and third period of the
PB7 output when PORTB7 equals zero. The period 2 high time is one cycle longer than the
period three high time, but the result on the PB7 output is equal in both periods.
PORTB7
DDRB7
DQ
DQ
Pin
COM21
COM20
DATA BUS
OC1C /
OC2 / PB7
COM1C1
COM1C0
Modulator
1
0
OC1C
DQ
OC2
DQ
( From Waveform Generator )
( From Waveform Generator )
0
1
Vcc
1
2
OC2
(CTC Mode)
OC1C
(FPWM Mode)
PB7
(PORTB7 = 0)
PB7
(PORTB7 = 1)
(Period)
3
clk
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com