Electronic Components Datasheet Search
  English  ▼

X  

ATmega64A Datasheet(PDF) 275 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 275 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 271Page - ATMEL Corporation ATmega64A Datasheet HTML 272Page - ATMEL Corporation ATmega64A Datasheet HTML 273Page - ATMEL Corporation ATmega64A Datasheet HTML 274Page - ATMEL Corporation ATmega64A Datasheet HTML 275Page - ATMEL Corporation ATmega64A Datasheet HTML 276Page - ATMEL Corporation ATmega64A Datasheet HTML 277Page - ATMEL Corporation ATmega64A Datasheet HTML 278Page - ATMEL Corporation ATmega64A Datasheet HTML 279Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 392 page
background image
275
8160C–AVR–07/09
ATmega64A
175
MUXEN_6
ADC
174
MUXEN_5
173
MUXEN_4
172
MUXEN_3
171
MUXEN_2
170
MUXEN_1
169
MUXEN_0
168
NEGSEL_2
167
NEGSEL_1
166
NEGSEL_0
165
PASSEN
164
PRECH
163
SCTEST
162
ST
161
VCCREN
160
PEN
Programming Enable (Observe-only)
159
PE0.Data
Port E
158
PE0.Control
157
PE0.Pullup_Enable
156
PE1.Data
155
PE1.Control
154
PE1.Pullup_Enable
153
PE2.Data
152
PE2.Control
151
PE2.Pullup_Enable
150
PE3.Data
149
PE3.Control
148
PE3.Pullup_Enable
147
PE4.Data
146
PE4.Control
145
PE4.Pullup_Enable
144
PE5.Data
143
PE5.Control
142
PE5.Pullup_Enable
141
PE6.Data
140
PE6.Control
Table 25-7.
ATmega64A Boundary-scan Order (Continued)
Bit Number
Signal Name
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com