Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261A-MU Datasheet(PDF) 105 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 105 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 101Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 102Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 103Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 104Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 105Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 106Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 107Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 108Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 109Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 292 page
background image
105
8197A–AVR–10/09
ATtiny261A/461A/861A
Figure 12-17. Timer/Counter Timing Diagram, Setting of OCF1x, with Prescaler (fclkT1/8)
Figure 12-18 shows the setting of TOV1 in Phase and Frequency Correct PWM Mode.
Figure 12-18. Timer/Counter Timing Diagram, with Prescaler (fclkT1/8)
12.10 Fault Protection Unit
The Timer/Counter1 incorporates a Fault Protection unit, which can be set to disable the PWM
output pins when an external event is triggered. The external signal indicating an event can be
applied via the external interrupt INT0 pin or, alternatively, via the analog-comparator unit. The
Fault Protection unit is illustrated in Figure 12-19. The elements of the block diagram that are not
directly a part of the Fault Protection unit are gray shaded.
Figure 12-19. Fault Protection Unit Block Diagram
Fault Protection mode is enabled by setting the Fault Protection Enable (FPEN1) bit and trig-
gered by a change in logic level at external interrupt pin (INT0). Alternatively, fault protection
mode can be triggered by the Analog Comparator Output (ACO).
When Fault Protection is triggered, the COM1x bits are cleared, Output Comparators are discon-
nected from the PWM output pins and PORTB register bits are connected to the PWM output
OCFnx
OCRnx
TCNTn
OCRnx Value
OCRnx - 1
OCRnx
OCRnx + 1
OCRnx + 2
clk
PCK
clk
Tn
(clk
PCK /8)
TOVn
TCNTn
BOTTOM + 1
BOTTOM + 1
BOTTOM
BOTTOM + 1
clk
PCK
clk
Tn
(clk
PCK /8)
Analog
Comparator
Noise
Canceler
INT0
Edge
Detector
FPAC1
FPNC1
FPES1
ACO*
FPEN1
Timer/Counter1
FAULT_PROTECTION (Int. Req.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com