Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261A-MU Datasheet(PDF) 136 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 136 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 132Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 133Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 134Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 135Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 136Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 137Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 138Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 139Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 140Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 292 page
background image
136
8197A–AVR–10/09
ATtiny261A/461A/861A
0
x
xxxxxx
100
AIN2
AIN0
0
x
xxxxxx
101,110,111
AIN2
AIN1
1
1
xxxxxx
000
AIN0
AIN1
1
0
000000
000
AIN0
ADC0
1
0
000000
01x
AIN1
ADC0
1
0
000000
1xx
AIN2
ADC0
1
0
000001
000
AIN0
ADC1
1
0
000001
01x
AIN1
ADC1
1
0
000001
1xx
AIN2
ADC1
1
0
000010
000
AIN0
ADC2
1
0
000010
01x
AIN1
ADC2
1
0
000010
1xx
AIN2
ADC2
1
0
000011
000
AIN0
ADC3
1
0
000011
01x
AIN1
ADC3
1
0
000011
1xx
AIN2
ADC3
1
0
000100
000
AIN0
ADC4
1
0
000100
01x
AIN1
ADC4
1
0
000100
1xx
AIN2
ADC4
1
0
000101
000
AIN0
ADC5
1
0
000101
01x
AIN1
ADC5
1
0
000101
1xx
AIN2
ADC5
1
0
000110
000
AIN0
ADC6
1
0
000110
01x
AIN1
ADC6
1
0
000110
1xx
AIN2
ADC6
1
0
000111
000
AIN0
ADC7
1
0
000111
01x
AIN1
ADC7
1
0
000111
1xx
AIN2
ADC7
1
0
001000
000
AIN0
ADC8
1
0
001000
01x
AIN1
ADC8
1
0
001000
1xx
AIN2
ADC8
1
0
001001
000
AIN0
ADC9
1
0
001001
01x
AIN1
ADC9
1
0
001001
1xx
AIN2
ADC9
1
0
001010
000
AIN0
ADC10
1
0
001010
01x
AIN1
ADC10
1
0
001010
1xx
AIN2
ADC10
Table 14-1.
Analog Comparator Multiplexed Input (Continued)
ACME
ADEN
MUX5:0
ACM2:0
Positive Input
Negative Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com