Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261A-MU Datasheet(PDF) 187 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 187 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 183Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 184Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 185Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 186Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 187Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 188Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 189Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 190Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 191Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 292 page
background image
187
8197A–AVR–10/09
ATtiny261A/461A/861A
19.5 System and Reset Characteristics
Notes: 1. Not tested. Values are guidelines, only.
19.5.1
Enhanced Power-On Reset
Note:
1. Values are guidelines, only.
2. Threshold where device is released from reset when voltage is rising.
3. The Power-on Reset will not work unless the supply voltage has been below VPOA.
19.5.2
Brown-Out Detection
Note:
1. VBOT may be below nominal minimum operating voltage for some devices. For devices where
this is the case, the device is tested down to VCC = VBOT during the production test. This guar-
antees that a Brown-out Reset will occur before VCC drops to a voltage where correct
operation of the microcontroller is no longer guaranteed.
Table 19-4.
Reset, Brown-out, and Internal Voltage Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
VRST
RESET Pin Threshold Voltage (1)
0.2 VCC
0.9 VCC
V
tRST
Min pulse width on RESET Pin (1)
VCC = 3V
2.5
µs
VHYST
Brown-out Detector Hysteresis (1)
50
mV
tBOD
Min Pulse Width on
Brown-out Reset (1)
2µs
VBG
Internal bandgap voltage
VCC = 2.7V
TA = 25°C
1.0
1.1
1.2
V
tBG
Internal bandgap start-up time (1)
VCC = 5V
TA = 25°C
40
70
µs
IBG
Internal bandgap reference
current consumption (1)
VCC = 5V
TA = 25°C
15
µA
Table 19-5.
Characteristics of Enhanced Power-On Reset. T
A = -40 – 85°C
Symbol
Parameter
Min(1)
Typ(1)
Max(1)
Units
VPOR
Release threshold of power-on reset (2)
1.1
1.4
1.6
V
VPOA
Activation threshold of power-on reset (3)
0.6
1.3
1.6
V
SRON
Power-On Slope Rate
0.01
V/ms
Table 19-6.
BODLEVEL Fuse Coding(1)
BODLEVEL [2:0] Fuses
Min VBOT
Typ VBOT
Max VBOT
Units
111
BOD Disabled
110
1.7
1.8
2.0
V
101
2.5
2.7
2.9
100
4.1
4.3
4.5
0XX
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com