Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261A-MU Datasheet(PDF) 194 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 194 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 190Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 191Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 192Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 193Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 194Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 195Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 196Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 197Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 198Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 292 page
background image
194
8197A–AVR–10/09
ATtiny261A/461A/861A
It is possible to calculate the typical current consumption based on the numbers from Table 20-1
for other VCC and frequency settings than listed in Table 20-2.
20.1.1
Example
Calculate the expected current consumption in idle mode with TIMER0, ADC, and USI enabled
at VCC = 2.0V and F = 1MHz. From Table 20-2, third column, we see that we need to add 10%
for the TIMER0, 27.3 % for the ADC, and 6.5 % for the USI module. Reading from Figure 20-6
on page 197, we find that the idle current consumption is ~0,085 mA at VCC = 2.0V and F=1MHz.
The total current consumption in idle mode with TIMER0, ADC, and USI enabled, gives:
Table 20-2.
Additional Current Consumption (percentage) in Active and Idle mode.
PRR bit
Additional Current consumption
compared to Active with external
clock (see Figure 20-1 on page
195 and Figure 20-2 on page 195)
Additional Current consumption
compared to Idle with external
clock (see Figure 20-6 on page
197 and Figure 20-7 on page 198)
PRTIM1
20...25 %
100 %
PRTIM0
2...3 %
10...15 %
PRUSI
2...12 %
10...50%
PRADC
15...100 %
50...500 %
ICCtotal 0,085mA
1 0,10 0,273 0,065
++
+
()
•
0,122mA
≈≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com