Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261A-MU Datasheet(PDF) 216 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 216 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 212Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 213Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 214Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 215Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 216Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 217Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 218Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 219Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 220Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 292 page
background image
216
8197A–AVR–10/09
ATtiny261A/461A/861A
Figure 20-43. BOD Threshold vs. Temperature (BOD Level set to 2.7V)
Figure 20-44. BOD Threshold vs. Temperature (BOD Level set to 1.8V)
V
CC RISING
V
CC FALLING
BOD THRESHOLDS vs. TEMPERATURE
BODLEVEL = 2.7V
2.66
2.68
2.7
2.72
2.74
2.76
2.78
-40
-20
0
20
40
60
80
100
Temperature (C)
BOD THRESHOLDS vs. TEMPERATURE
BODLEVEL = 1.8V
V
CC RISING
1.78
1.79
1.8
1.81
1.82
1.83
1.84
1.85
-40
-20
0
20
40
60
80
100
Temperature (C)
V
CC FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com