Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261A-MU Datasheet(PDF) 229 Page - ATMEL Corporation

Part # ATtiny261A-MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261A-MU Datasheet(HTML) 229 Page - ATMEL Corporation

Back Button ATtiny261A-MU Datasheet HTML 225Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 226Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 227Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 228Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 229Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 230Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 231Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 232Page - ATMEL Corporation ATtiny261A-MU Datasheet HTML 233Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 292 page
background image
229
8197A–AVR–10/09
ATtiny261A/461A/861A
Figure 20-68. Timer/Counter1 Current vs. VCC
Figure 20-69. Brownout Detector Current vs. VCC
TIMER/COUNTER1 CURRENT vs. VCC
64MHz
32MHz
1MHz
0
1000
2000
3000
4000
5000
6000
7000
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
BROWNOUT DETECTOR CURRENT vs. VCC
0
5
10
15
20
25
30
35
40
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com