Electronic Components Datasheet Search
  English  ▼

X  

ATmega48PA Datasheet(PDF) 275 Page - ATMEL Corporation

Part # ATmega48PA
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48PA Datasheet(HTML) 275 Page - ATMEL Corporation

Back Button ATmega48PA Datasheet HTML 271Page - ATMEL Corporation ATmega48PA Datasheet HTML 272Page - ATMEL Corporation ATmega48PA Datasheet HTML 273Page - ATMEL Corporation ATmega48PA Datasheet HTML 274Page - ATMEL Corporation ATmega48PA Datasheet HTML 275Page - ATMEL Corporation ATmega48PA Datasheet HTML 276Page - ATMEL Corporation ATmega48PA Datasheet HTML 277Page - ATMEL Corporation ATmega48PA Datasheet HTML 278Page - ATMEL Corporation ATmega48PA Datasheet HTML 279Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 448 page
background image
275
8161D–AVR–10/09
ATmega48PA/88PA/168PA/328P
25.3
Register Description
25.3.1
SPMCSR – Store Program Memory Control and Status Register
The Store Program Memory Control and Status Register contains the control bits needed to con-
trol the Program memory operations.
• Bit 7 – SPMIE: SPM Interrupt Enable
When the SPMIE bit is written to one, and the I-bit in the Status Register is set (one), the SPM
ready interrupt will be enabled. The SPM ready Interrupt will be executed as long as the SELF-
PRGEN bit in the SPMCSR Register is cleared. The interrupt will not be generated during
EEPROM write or SPM.
• Bit 6 – RWWSB: Read-While-Write Section Busy
This bit is for compatibility with devices supporting Read-While-Write. It will always read as zero
in ATmega48PA.
• Bit 5 – Res: Reserved Bit
This bit is a reserved bit in the ATmega48PA/88PA/168PA/328P and will always read as zero.
• Bit 4 – RWWSRE: Read-While-Write Section Read Enable
The funct i onality of this bit in ATme ga48PA is a subset of the functionality in
ATmega88PA/168PA. If the RWWSRE bit is written while filling the temporary page buffer, the
temporary page buffer will be cleared and the data will be lost.
• Bit 3 – BLBSET: Boot Lock Bit Set
The funct i onality of this bit in ATme ga48PA is a subset of the functionality in
ATmega88PA/168PA. An LPM instruction within three cycles after BLBSET and SELFPRGEN
are set in the SPMCSR Register, will read either the Lock bits or the Fuse bits (depending on Z0
in the Z-pointer) into the destination register. See ”Reading the Fuse and Lock Bits from Soft-
ware” on page 271 for details.
• Bit 2 – PGWRT: Page Write
If this bit is written to one at the same time as SELFPRGEN, the next SPM instruction within four
clock cycles executes Page Write, with the data stored in the temporary buffer. The page
address is taken from the high part of the Z-pointer. The data in R1 and R0 are ignored. The
PGWRT bit will auto-clear upon completion of a Page Write, or if no SPM instruction is executed
within four clock cycles. The CPU is halted during the entire Page Write operation.
• Bit 1 – PGERS: Page Erase
If this bit is written to one at the same time as SELFPRGEN, the next SPM instruction within four
clock cycles executes Page Erase. The page address is taken from the high part of the Z-
pointer. The data in R1 and R0 are ignored. The PGERS bit will auto-clear upon completion of a
Page Erase, or if no SPM instruction is executed within four clock cycles. The CPU is halted dur-
ing the entire Page Write operation.
Bit
7
6
5
4
3
2
1
0
0x37 (0x57)
SPMIE
RWWSB
–
RWWSRE
BLBSET
PGWRT
PGERS
SELFPRGEN
SPMCSR
Read/Write
R/W
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com