Electronic Components Datasheet Search
  English  ▼

X  

ATmega48PA Datasheet(PDF) 316 Page - ATMEL Corporation

Part # ATmega48PA
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48PA Datasheet(HTML) 316 Page - ATMEL Corporation

Back Button ATmega48PA Datasheet HTML 312Page - ATMEL Corporation ATmega48PA Datasheet HTML 313Page - ATMEL Corporation ATmega48PA Datasheet HTML 314Page - ATMEL Corporation ATmega48PA Datasheet HTML 315Page - ATMEL Corporation ATmega48PA Datasheet HTML 316Page - ATMEL Corporation ATmega48PA Datasheet HTML 317Page - ATMEL Corporation ATmega48PA Datasheet HTML 318Page - ATMEL Corporation ATmega48PA Datasheet HTML 319Page - ATMEL Corporation ATmega48PA Datasheet HTML 320Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 448 page
background image
316
8161D–AVR–10/09
ATmega48PA/88PA/168PA/328P
28.2.4
ATmega328P DC Characteristics
Notes:
1. Values with “Minimizing Power Consumption” enabled (0xFF).
2. Typical values at 25
°C. Maximum values are test limits in production.
3. The current consumption values include input leakage current.
4. Maximum values are characterized values and not test limits in production.
28.3
Speed Grades
Maximum frequency is dependent on V
CC. As shown in Figure 28-1, the Maximum Frequency vs.
V
CC curve is linear between 1.8V < VCC < 2.7V and between 2.7V < VCC < 4.5V.
Figure 28-1. Maximum Frequency vs. V
CC
T
A = -40°C to 85°C, VCC = 1.8V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.(2)
Max.
Units
ICC
Power Supply Current(1)
Active 1 MHz, VCC = 2V
0.3
0.5
mA
Active 4 MHz, VCC = 3V
1.7
2.5
mA
Active 8 MHz, VCC = 5V
5.2
9
mA
Idle 1 MHz, VCC = 2V
0.04
0.15
mA
Idle 4 MHz, VCC = 3V
0.3
0.7
mA
Idle 8 MHz, VCC = 5V
1.2
2.7
mA
Power-save mode(3)(4)
32 kHz TOSC enabled,
VCC = 1.8V
0.8
1.6
µA
32 kHz TOSC enabled,
VCC = 3V
0.9
2.6
µA
Power-down mode(3)
WDT enabled, VCC = 3V
4.2
8
µA
WDT disabled, VCC = 3V
0.1
2
µA
4 MHz
1.8V
2.7V
4.5V
10 MHz
20 MHz
5.5V
Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com