Electronic Components Datasheet Search
  English  ▼

X  

LA10B-7G3A-1 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LA10B-7G3A-1
Description  LED ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA10B-7G3A-1 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA10B-7G3A-1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA10B-7G3A-1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA10B-7G3A-1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA10B-7G3A-1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA10B-7G3A-1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA10B-7G3A-1 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
-40 ~ +100
Tstg
Storage Temperature
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2. The luminous intensity data did not including ±15% testing tolerance.
GaP
LA10B/7G3A-1
GaAsP/GaP
5.5
8.0
1.7
30
2.6
4.5
Green Diffused
565
Green
Orange Diffused
Yellow
1.7
35
2.6
3.0
74
74
MATERIAL
Soldering Temperature
Typical Electrical & Optical Characteristics (Ta=25 )
PART NO
Typ.
Luminous
intensity
@10mA(mcd)
Forward
voltage
@
mA(V)
Spectral
halfwidth
△λ
nm
Peak
wave
length
λPnm
Emitted
Lens
COLOR
Min. Max. Min.
20
Viewing
angle
2θ 1/2
(deg)
Tsol
Max 260for 5 sec Max
(2mm from body)
LA10B/7G3A-1
Page 2/5
PART NO.
Reverse Current @5V
Operating Temperature
Peak Forward Current
Duty 1/10@10KHz
Absolute Maximum Ratings at Ta=25
Forward Current
Power Dissipation
Parameter
30
20
mA
IF
Topr
Ir
-40 ~ +85
10
120
100
PD
IFP
60
80
μA
mA
mW
G
Symbol
Y-A
Ratings
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Dominant
wave
length
λDnm
592
- -
- -


Similar Part No. - LA10B-7G3A-1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA10B-12G LIGITEK-LA10B-12G Datasheet
68Kb / 5P
   LED ARRAY
LA10B-12G-PF LIGITEK-LA10B-12G-PF Datasheet
109Kb / 6P
   LED ARRAY
LA10B-2H3Y5G-1 LIGITEK-LA10B-2H3Y5G-1 Datasheet
150Kb / 7P
   LED ARRAY
LA10B-4Y3E-1 LIGITEK-LA10B-4Y3E-1 Datasheet
116Kb / 6P
   LED ARRAY
More results

Similar Description - LA10B-7G3A-1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com