Electronic Components Datasheet Search
  English  ▼

X  

LA29B-1-4VGX-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LA29B-1-4VGX-PF
Description  LED ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA29B-1-4VGX-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LA29B-1-4VGX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA29B-1-4VGX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA29B-1-4VGX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA29B-1-4VGX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA29B-1-4VGX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA29B-1-4VGX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
)
Wavelength (nm)
Fig.4 Relative Intensity vs. Temperature
Ambient Temperature(
)
Typical Electro-Optical Characteristics Curve
Forward Voltage(V)
Fig.1 Forward current vs. Forward Voltage
Forward Current(mA)
Fig.2 Relative Intensity vs. Forward Current
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.0
0.1
1.0
10
100
1000
1.0
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-20
0
20
40
60
1.0
1.1
1.2
500
550
600
650
0.0
0.5
1.0
2.0
3.0
4.0
5.0
80
100
0.8
0.9
-20
-40
40
20
0
80
100
60
2.0
0.0
0.5
1.0
1.5
2.5
3.0
VG CHIP
3.5
Page 3/5
PART NO. LA29B-1/4VGX-PF
100%
50%
75%
25%
0
-60
°
-30
°
0
°
60
°
50%
25%
75% 100%
30
°


Similar Part No. - LA29B-1-4VGX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA29B-1-4GH LIGITEK-LA29B-1-4GH Datasheet
79Kb / 6P
LED ARRAY
LA29B-1-4GH-PF LIGITEK-LA29B-1-4GH-PF Datasheet
121Kb / 7P
LED ARRAY
LA29B-1-4GX-PF LIGITEK-LA29B-1-4GX-PF Datasheet
107Kb / 6P
LED ARRAY
More results

Similar Description - LA29B-1-4VGX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
LED ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com