Electronic Components Datasheet Search
  English  ▼

X  

PB256 Datasheet(PDF) 2 Page - Powerbox

Part # PB256
Description  138 WATTS DC UPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PB256 Datasheet(HTML) 2 Page - Powerbox

  PB256 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
291
Your dependable power partner – www.powerbox.com.au
PB256 Series
138 W A TTS DC UPS
Technical Illustrations
Selection Table
* Note: please refer to Derating Curve
MODEL
NUMBER
OUTPUT
OUTPUT
VDC
ILOAD
IBATT
POWER
PB256-1210CML
13.8V
8A
2A
138W*
PB256-2405CML
27.6V
4A
1A
138W*
Options:
-CC = conformal coating
-T = temperature probe
-XX = non -standard battery charging current, i.e. PB256-1210CML-05 for 5A



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com