Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 109 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 109 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 159 page
background image
ST7713
Ver 1.6
2008-05
109
10.1.11 SLPIN (10h): Sleep In
10H
SLPIN (Sleep In)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
SLPIN
0
↑
1
-
0
0
0
1
0
0
0
0
(10h)
1
st Parameter
No parameter
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command causes the LCD module to enter the minimum power consumption mode.
-In this mode the DC/DC converter is stopped, Internal display oscillator is stopped, and panel
scanning is stopped.
Restriction
-This command has no effect when module is already in sleep in mode. Sleep In Mode can only
be exit by the Sleep Out Command (11h).
-When IC is in Sleep Out or Display On mode, it is necessary to wait 120msec before sending
next command because of the stabilization timing for the supply voltages and clock circuits.
Default
Status
Default Value
Power On Sequence
Sleep in mode
S/W Reset
Sleep in mode
H/W Reset
Sleep in mode
Sleep In
VDDI
1.6V-3.0V
VDD
Gate Output
Source Output
0V
Blanking display (over 1frame display) *
VCOM Output
0V
2.6V-3.0V
STOP
0V
Internal counter
STOP
Internal Oscillator
STOP
DC charge in capacitors
DISCHARGE
0V or VDD
VGH
0V or VDD
VGL
0V
AVDD
0V or VDD
IC Internal reset
0V
* Note: complete 1 frame display (ex: continue 2-falling edges of VS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com