Electronic Components Datasheet Search
  English  ▼

X  

PIC12F615 Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC12F615
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615 Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC12F615 Datasheet HTML 105Page - Microchip Technology PIC12F615 Datasheet HTML 106Page - Microchip Technology PIC12F615 Datasheet HTML 107Page - Microchip Technology PIC12F615 Datasheet HTML 108Page - Microchip Technology PIC12F615 Datasheet HTML 109Page - Microchip Technology PIC12F615 Datasheet HTML 110Page - Microchip Technology PIC12F615 Datasheet HTML 111Page - Microchip Technology PIC12F615 Datasheet HTML 112Page - Microchip Technology PIC12F615 Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 212 page
background image
 2010 Microchip Technology Inc.
DS41302D-page 109
PIC12F609/615/617/12HV609/615
REGISTER 12-2:
CONFIG – CONFIGURATION WORD (ADDRESS: 2007h) FOR PIC12F617 ONLY
U-1
U-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
—
WRT1
WRT0 BOREN1 BOREN0
IOSCFS
CP
MCLRE
PWRTE
WDTE
FOSC2 F0SC1 F0SC0
bit
13
bit 0
bit 13-12
Unimplemented: Read as ‘1’
bit 11-10
WRT<1:0>: Flash Program Memory Self Write Enable bits
11
= Write protection off
10
= 000h to 1FFh write protected, 200h to 7FFh may be modified by PMCON1 control
01
= 000h to 3FFh write protected, 400h to 7FFh may be modified by PMCON1 control
00
= 000h to 7FFh write protected, entire program memory is write protected.
bit 9-8
BOREN<1:0>: Brown-out Reset Enable bits
11
= BOR enabled
10
= BOR disabled during Sleep and enabled during operation
0X
= BOR disabled
bit 7
IOSCFS: Internal Oscillator Frequency Select
1
=8 MHz
0
=4 MHz
bit 6
CP: Code Protection
1
= Program memory is not code protected
0
= Program memory is external read and write protected
bit 5
MCLRE: MCLR Pin Function Select
1
=MCLR pin is MCLR function and weak internal pull-up is enabled
0
=MCLR pin is alternate function, MCLR function is internally disabled
bit 4
PWRTE: Power-up Timer Enable bit(1)
1
= PWRT disabled
0
= PWRT enabled
bit 3
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 2-0
FOSC<2:0>: Oscillator Selection bits
000
=LP oscillator: Low-power crystal on RA5/T1CKI/OSC1/CLKIN and RA4/AN3/T1G/OSC2/CLKOUT
001
=XT oscillator: Crystal/resonator on RA5/T1CKI/OSC1/CLKIN and RA4/AN3/T1G/OSC2/CLKOUT
010
=HS oscillator: High-speed crystal/resonator on RA5/T1CKI/OSC1/CLKIN and RA4/AN3/T1G/OSC2/CLKOUT
011
=EC: I/O function on RA4/AN3/T1G/OSC2/CLKOUT, CLKIN on RA5/T1CKI/OSC1/CLKIN
100
=INTOSCIO oscillator: I/O function on RA4/AN3/T1G/OSC2/CLKOUT, I/O function on RA5/T1CKI/OSC1/CLKIN
101
=INTOSC oscillator: CLKOUT function on RA4/AN3/T1G/OSC2/CLKOUT, I/O function on RA5/T1CKI/OSC1/
CLKIN
110
=EXTRCIO oscillator: I/O function on RA4/AN3/T1G/OSC2/CLKOUT, RC on RA5/T1CKI/OSC1/CLKIN
111
=EXTRC oscillator: CLKOUT function on RA4/AN3/T1G/OSC2/CLKOUT, RC on RA5/T1CKI/OSC1/CLKIN
Note 1:Enabling Brown-out Reset does not automatically enable the Power-up Timer (PWRT).
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘1’
P = Programmable
-n = Value at POR
1 = bit is set
0 = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com