Electronic Components Datasheet Search
  English  ▼

X  

PIC12F615 Datasheet(PDF) 148 Page - Microchip Technology

Part # PIC12F615
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615 Datasheet(HTML) 148 Page - Microchip Technology

Back Button PIC12F615 Datasheet HTML 144Page - Microchip Technology PIC12F615 Datasheet HTML 145Page - Microchip Technology PIC12F615 Datasheet HTML 146Page - Microchip Technology PIC12F615 Datasheet HTML 147Page - Microchip Technology PIC12F615 Datasheet HTML 148Page - Microchip Technology PIC12F615 Datasheet HTML 149Page - Microchip Technology PIC12F615 Datasheet HTML 150Page - Microchip Technology PIC12F615 Datasheet HTML 151Page - Microchip Technology PIC12F615 Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 212 page
background image
PIC12F609/615/617/12HV609/615
DS41302D-page 148
 2010 Microchip Technology Inc.
16.4
DC Characteristics: PIC12F609/615/617 - I (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
Param
No.
Device Characteristics
Min
Typ†
Max
Units
Conditions
VDD
Note
D020
Power-down Base
Current (IPD)(2)
—
0.05
0.9
A
2.0
WDT, BOR, Comparator, VREF and
T1OSC disabled
—
0.15
1.2
A3.0
PIC12F609/615/617
—
0.35
1.5
A5.0
150
500
nA
3.0
-
40°C
 TA  +25°C for industrial
D021
—
0.5
1.5
A
2.0
WDT Current(1)
—2.5
4.0
A3.0
—9.5
17
A5.0
D022
—
5.0
9
A
3.0
BOR Current(1)
—6.0
12
A5.0
D023
—
50
60
A
2.0
Comparator Current(1), single
comparator enabled
—55
65
A3.0
—60
75
A5.0
D024
—
30
40
A2.0
CVREF Current(1) (high range)
—45
60
A3.0
—75
105
A5.0
D025*
—
39
50
A2.0
CVREF Current(1) (low range)
—59
80
A3.0
—98
130
A5.0
D026
—
5.5
10
A
2.0
T1OSC Current(1), 32.768 kHz
—7.0
12
A3.0
—8.5
14
A5.0
D027
—
0.2
1.6
A
3.0
A/D Current(1), no conversion in
progress
—
0.36
1.9
A5.0
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this
peripheral is enabled. The peripheral
 current can be determined by subtracting the base IDD or IPD
current from this limit. Max values should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com