Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 128 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808 Datasheet(HTML) 128 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 124Page - Texas Instruments AM1808 Datasheet HTML 125Page - Texas Instruments AM1808 Datasheet HTML 126Page - Texas Instruments AM1808 Datasheet HTML 127Page - Texas Instruments AM1808 Datasheet HTML 128Page - Texas Instruments AM1808 Datasheet HTML 129Page - Texas Instruments AM1808 Datasheet HTML 130Page - Texas Instruments AM1808 Datasheet HTML 131Page - Texas Instruments AM1808 Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 264 page
background image
SATA Interface(Processor)
SATA Connector
SATA_TXN
SATA_TXP
SATA_RXN
SATA_RXP
SATA_REFCLKN
SATA_REFCLKP
TX–
TX+
RX–
RX+
LVDS
Oscillator
CLK–
CLK+
SATA_REG
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
AM1808
SPRS653 – FEBRUARY 2010
www.ti.com
6.14.2 1. SATA Interface
This section provides the timing specification for the SATA interface as a PCB design and manufacturing
specification. The design rules constrain PCB trace length, PCB trace skew, signal integrity, cross-talk,
and signal timing. TI has performed the simulation and system design work to ensure the SATA interface
requirements are met.
6.14.2.1 SATA Interface Schematic
Figure 6-28 shows the SATA interface schematic.
Figure 6-28. SATA Interface High Level Schematic
6.14.2.2 Compatible SATA Components and Modes
Table 6-43 shows the compatible SATA components and supported modes. Note that the only supported
configuration is an internal cable from the processor host to the SATA device.
Table 6-43. SATA Supported Modes
PARAMETER
MIN
MAX
UNIT
SUPPORTED
Transfer Rates
1.5
3.0
Gbps
eSATA
No
xSATA
No
Backplane
No
Internal Cable
Yes
6.14.2.3 PCB Stackup Specifications
Table 6-44 shows the stackup and feature sizes required for SATA.
Table 6-44. SATA PCB Stackup Specifications
PARAMETER
MIN
TYP
MAX
UNIT
PCB Routing/Plane Layers
4
6
Layers
Signal Routing Layers
2
3
Layers
Number of ground plane cuts allowed within SATA routing region
0
Layers
128
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com