Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808 Datasheet(HTML) 135 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 131Page - Texas Instruments AM1808 Datasheet HTML 132Page - Texas Instruments AM1808 Datasheet HTML 133Page - Texas Instruments AM1808 Datasheet HTML 134Page - Texas Instruments AM1808 Datasheet HTML 135Page - Texas Instruments AM1808 Datasheet HTML 136Page - Texas Instruments AM1808 Datasheet HTML 137Page - Texas Instruments AM1808 Datasheet HTML 138Page - Texas Instruments AM1808 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 264 page
background image
AM1808
www.ti.com
SPRS653 – FEBRUARY 2010
6.15.2 McASP Electrical Data/Timing
6.15.2.1 Multichannel Audio Serial Port 0 (McASP0) Timing
Table 6-52 and Table 6-54 assume testing over recommended operating conditions (see Figure 6-30 and
Figure 6-31).
Table 6-52. Timing Requirements for McASP0 (1.3V, 1.2V, 1.1V)(1) (2)
1.3V, 1.2V
1.1V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
1
tc(AHCLKRX)
Cycle time, AHCLKR/X
25
28
ns
2
tw(AHCLKRX)
Pulse duration, AHCLKR/X high or low
12.5
14
ns
3
tc(ACLKRX)
Cycle time, ACLKR/X
AHCLKR/X ext
25(3)
28(3)
ns
4
tw(ACLKRX)
Pulse duration, ACLKR/W high or low
AHCLKR/X ext
12.5
14
ns
AHCLKR/X int
11.5
12
ns
Setup time,
5
tsu(AFSRX-ACLKRX)
AHCLKR/X ext input
4
5
ns
AFSR/X input to ACLKR/X (4)
AHCLKR/X ext output
4
5
ns
AHCLKR/X int
-1
-2
ns
Hold time,
6
th(ACLKRX-AFSRX)
AHCLKR/X ext input
1
1
ns
AFSR/X input after ACLKR/X(4)
AHCLKR/X ext output
1
1
ns
AHCLKR/X int
11.5
12
ns
Setup time,
7
tsu(AXR-ACLKRX)
AXR0[n] input to ACLKR/X(4) (5)
AHCLKR/X ext
4
5
ns
AHCLKR/X int
-1
-2
ns
Hold time,
8
th(ACLKRX-AXR)
AHCLKR/X ext input
3
4
ns
AXR0[n] input after ACLKR/X(4) (5)
AHCLKR/X ext output
3
4
ns
(1)
ACLKX0 internal – McASP0 ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1
ACLKX0 external input – McASP0 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0
ACLKX0 external output – McASP0 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1
ACLKR0 internal – McASP0 ACLKRCTL.CLKRM = 1, PDIR.ACLKR =1
ACLKR0 external input – McASP0 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0
ACLKR0 external output – McASP0 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 1
(2)
P = SYSCLK2 period
(3)
This timing is limited by the timing shown or 2P, whichever is greater.
(4)
McASP0 ACLKXCTL.ASYNC=1: Receiver is clocked by its own ACLKR0
(5)
McASP0 ACLKXCTL.ASYNC=0: Receiver is clocked by transmitter's ACLKX0
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
135
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com