Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 162 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808 Datasheet(HTML) 162 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 158Page - Texas Instruments AM1808 Datasheet HTML 159Page - Texas Instruments AM1808 Datasheet HTML 160Page - Texas Instruments AM1808 Datasheet HTML 161Page - Texas Instruments AM1808 Datasheet HTML 162Page - Texas Instruments AM1808 Datasheet HTML 163Page - Texas Instruments AM1808 Datasheet HTML 164Page - Texas Instruments AM1808 Datasheet HTML 165Page - Texas Instruments AM1808 Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 264 page
background image
AM1808
SPRS653 – FEBRUARY 2010
www.ti.com
Table 6-76. General Timing Requirements for SPI1 Master Modes (1) (continued)
1.3V, 1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Polarity = 0, Phase =
0,
1.5
1.5
1.5
to SPI1_CLK falling
Polarity = 0, Phase =
Input Setup Time,
1,
1.5
1.5
1.5
SPI1_SOMI valid
to SPI1_CLK rising
7
tsu(SOMI_SPC)M before
ns
Polarity = 1, Phase =
receive edge of
0,
1.5
1.5
1.5
SPI1_CLK
to SPI1_CLK rising
Polarity = 1, Phase =
1,
1.5
1.5
1.5
to SPI1_CLK falling
Polarity = 0, Phase =
0,
4
5
6
from SPI1_CLK
falling
Polarity = 0, Phase =
1,
4
5
6
Input Hold Time,
from SPI1_CLK
SPI1_SOMI valid
rising
8
tih(SPC_SOMI)M
after
ns
Polarity = 1, Phase =
receive edge of
0,
SPI1_CLK
4
5
6
from SPI1_CLK
rising
Polarity = 1, Phase =
1,
4
5
6
from SPI1_CLK
falling
162
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com