Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 209 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808 Datasheet(HTML) 209 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 205Page - Texas Instruments AM1808 Datasheet HTML 206Page - Texas Instruments AM1808 Datasheet HTML 207Page - Texas Instruments AM1808 Datasheet HTML 208Page - Texas Instruments AM1808 Datasheet HTML 209Page - Texas Instruments AM1808 Datasheet HTML 210Page - Texas Instruments AM1808 Datasheet HTML 211Page - Texas Instruments AM1808 Datasheet HTML 212Page - Texas Instruments AM1808 Datasheet HTML 213Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 264 page
background image
LCD_HSYNC
LP
LCD_VSYNC
VSW = 1
(1 to 1024)
Frame Time ~ 70Hz
LPP
LCD_D[7:0]
1, L−2
P, L−2
1, L−4
P, L−4
Line
Time
LCD_HSYNC
LP
10
11
LCD_PCLK
LCD_D[7:0]
1, 5
2, 6
P, 6
P, 5
2, 5
1, 6
PPL
16 y (1 to 1024)
HBP
(1 to 256)
Line 5
HFP
(1 to 64)
HSW
PPL
16 y (1 to 2024)
Line 6
1, 1:
P, 1
1, 5:
P, 5
1, L−1
P, L−1
1, L
1, L−1
P, L−1
1, L−3
P, L−3
(1 to 64)
VSW = 1
(1 to 64)
VFP = 0
VBP = 0
VFP = 0
VBP = 0
FP
Data
CP
Data
Passive STN
LCD_AC_ENB_CS
M
ACB
(0 to 255)
ACB
(0 to 255)
1, 4:
P, 4
1, 3:
P, 3
1, 2:
P, 2
1, L:
P, L
1, 6:
P, 6
1, 2
P, 2
1, 1
P, 1
1, L
P, L
(1 to 256)
AM1808
www.ti.com
SPRS653 – FEBRUARY 2010
Figure 6-62. LCD Raster-Mode Passive
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
209
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com