Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 220 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808 Datasheet(HTML) 220 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 216Page - Texas Instruments AM1808 Datasheet HTML 217Page - Texas Instruments AM1808 Datasheet HTML 218Page - Texas Instruments AM1808 Datasheet HTML 219Page - Texas Instruments AM1808 Datasheet HTML 220Page - Texas Instruments AM1808 Datasheet HTML 221Page - Texas Instruments AM1808 Datasheet HTML 222Page - Texas Instruments AM1808 Datasheet HTML 223Page - Texas Instruments AM1808 Datasheet HTML 224Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 264 page
background image
AM1808
SPRS653 – FEBRUARY 2010
www.ti.com
6.26 Universal Parallel Port (uPP)
The Universal Parallel Port (uPP) peripheral is a multichannel, high-speed parallel interface with dedicated
data lines and minimal control signals. It is designed to interface cleanly with high-speed analog-to-digital
converters (ADCs) or digital-to-analog converters (DACs) with up to 16-bit data width (per channel). It may
also be interconnected with field-programmable gate arrays (FPGAs) or other uPP devices to achieve
high-speed digital data transfer. It can operate in receive mode, transmit mode, or duplex mode, in which
its individual channels operate in opposite directions.
The uPP peripheral includes an internal DMA controller to maximize throughput and minimize CPU
overhead during high-speed data transmission. All uPP transactions use the internal DMA to provide data
to or retrieve data from the I/O channels. The DMA controller includes two DMA channels, which typically
service separate I/O channels. The uPP peripheral also supports data interleave mode, in which all DMA
resources service a single I/O channel. In this mode, only one I/O channel may be used.
The features of the uPP include:
•
Programmable data width per channel (from 8 to 16 bits inclusive)
•
Programmable data justification
–
Right-justify with zero extend
–
Right-justify with sign extend
–
Left-justify with zero fill
•
Supports multiplexing of interleaved data during SDR transmit
•
Optional frame START signal with programmable polarity
•
Optional data ENABLE signal with programmable polarity
•
Optional synchronization WAIT signal with programmable polarity
•
Single Data Rate (SDR) or Double data Rate (DDR, interleaved) interface
–
Supports multiplexing of interleaved data during SDR transmit
–
Supports demultiplexing and multiplexing of interleaved data during DDR transfers
220
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com