Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 241 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808 Datasheet(HTML) 241 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 237Page - Texas Instruments AM1808 Datasheet HTML 238Page - Texas Instruments AM1808 Datasheet HTML 239Page - Texas Instruments AM1808 Datasheet HTML 240Page - Texas Instruments AM1808 Datasheet HTML 241Page - Texas Instruments AM1808 Datasheet HTML 242Page - Texas Instruments AM1808 Datasheet HTML 243Page - Texas Instruments AM1808 Datasheet HTML 244Page - Texas Instruments AM1808 Datasheet HTML 245Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 264 page
background image
Seconds
Minutes
Hours
Days
Months
Years
Alarm
Timer
Alarm
Interrupts
Periodic
Interrupts
Counter
32kHz
Oscillator
Compensation
Week
Days
Oscillator
RTC_XI
XTAL
RTC_XO
AM1808
www.ti.com
SPRS653 – FEBRUARY 2010
6.31 Real Time Clock (RTC)
The RTC provides a time reference to an application running on the device. The current date and time is
tracked in a set of counter registers that update once per second. The time can be represented in 12-hour
or 24-hour mode. The calendar and time registers are buffered during reads and writes so that updates do
not interfere with the accuracy of the time and date.
Alarms are available to interrupt the CPU at a particular time, or at periodic time intervals, such as once
per minute or once per day. In addition, the RTC can interrupt the CPU every time the calendar and time
registers are updated, or at programmable periodic intervals.
The real-time clock (RTC) provides the following features:
•
100-year calendar (xx00 to xx99)
•
Counts seconds, minutes, hours, day of the week, date, month, and year with leap year compensation
•
Binary-coded-decimal (BCD) representation of time, calendar, and alarm
•
12-hour clock mode (with AM and PM) or 24-hour clock mode
•
Alarm interrupt
•
Periodic interrupt
•
Single interrupt to the CPU
•
Supports external 32.768-kHz crystal or external clock source of the same frequency
•
Separate isolated power supply
Figure 6-82 shows a block diagram of the RTC.
Figure 6-82. Real-Time Clock Block Diagram
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
241
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com