Electronic Components Datasheet Search
  English  ▼

X  

AM1808AZCE3 Datasheet(PDF) 153 Page - Texas Instruments

Part # AM1808AZCE3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE3 Datasheet(HTML) 153 Page - Texas Instruments

Back Button AM1808AZCE3 Datasheet HTML 149Page - Texas Instruments AM1808AZCE3 Datasheet HTML 150Page - Texas Instruments AM1808AZCE3 Datasheet HTML 151Page - Texas Instruments AM1808AZCE3 Datasheet HTML 152Page - Texas Instruments AM1808AZCE3 Datasheet HTML 153Page - Texas Instruments AM1808AZCE3 Datasheet HTML 154Page - Texas Instruments AM1808AZCE3 Datasheet HTML 155Page - Texas Instruments AM1808AZCE3 Datasheet HTML 156Page - Texas Instruments AM1808AZCE3 Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 264 page
background image
AM1808
www.ti.com
SPRS653 – FEBRUARY 2010
6.17.2 SPI Electrical Data/Timing
6.17.2.1 Serial Peripheral Interface (SPI) Timing
Table 6-68 through Table 6-83 assume testing over recommended operating conditions (see Figure 6-36
through Figure 6-39).
Table 6-68. General Timing Requirements for SPI0 Master Modes(1)
1.3V, 1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Cycle Time, SPI0_CLK, All Master
1
tc(SPC)M
20(2)
256P
30(2)
256P
40(2)
256P
ns
Modes
Pulse Width High, SPI0_CLK, All
2
tw(SPCH)M
0.5M-1
0.5M-1
0.5M-1
ns
Master Modes
Pulse Width Low, SPI0_CLK, All
3
tw(SPCL)M
0.5M-1
0.5M-1
0.5M-1
ns
Master Modes
Delay,
Polarity = 0, Phase = 0,
5
5
6
initial
to SPI0_CLK rising
data bit
Polarity = 0, Phase = 1,
-0.5M+5
-0.5M+5
-0.5M+6
valid on
to SPI0_CLK rising
SPI0_SI
4
td(SIMO_SPC)M
ns
Polarity = 1, Phase = 0,
MO after
5
5
6
to SPI0_CLK falling
initial
edge on
Polarity = 1, Phase = 1,
SPI0_CL
-0.5M+5
-0.5M+5
-0.5M+6
to SPI0_CLK falling
K(3)
Delay,
Polarity = 0, Phase = 0,
5
5
6
subsequ
from SPI0_CLK rising
ent bits
Polarity = 0, Phase = 1,
5
5
6
valid on
from SPI0_CLK falling
SPI0_SI
5
td(SPC_SIMO)M
ns
Polarity = 1, Phase = 0,
MO after
5
5
6
from SPI0_CLK falling
transmit
edge of
Polarity = 1, Phase = 1,
SPI0_CL
5
5
6
from SPI0_CLK rising
K
Output
Polarity = 0, Phase = 0,
0.5M-3
0.5M-3
0.5M-3
hold
from SPI0_CLK falling
time,
Polarity = 0, Phase = 1,
0.5M-3
0.5M-3
0.5M-3
SPI0_SI
from SPI0_CLK rising
MO valid
6
toh(SPC_SIMO)M
ns
Polarity = 1, Phase = 0,
after
0.5M-3
0.5M-3
0.5M-3
from SPI0_CLK rising
receive
edge of
Polarity = 1, Phase = 1,
SPI0_CL
0.5M-3
0.5M-3
0.5M-3
from SPI0_CLK falling
K
Input
Polarity = 0, Phase = 0,
1.5
1.5
1.5
Setup
to SPI0_CLK falling
Time,
Polarity = 0, Phase = 1,
1.5
1.5
1.5
SPI0_S
to SPI0_CLK rising
OMI
Polarity = 1, Phase = 0,
7
tsu(SOMI_SPC)M valid
ns
1.5
1.5
1.5
to SPI0_CLK rising
before
receive
edge of
Polarity = 1, Phase = 1,
1.5
1.5
1.5
SPI0_CL to SPI0_CLK falling
K
(1)
P = SYSCLK2 period; M = tc(SPC)M (SPI master bit clock period)
(2)
This timing is limited by the timing shown or 2P, whichever is greater.
(3)
First bit may be MSB or LSB depending upon SPI configuration. MO(0) refers to first bit and MO(n) refers to last bit output on
SPI0_SIMO. MI(0) refers to the first bit input and MI(n) refers to the last bit input on SPI0_SOMI.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
153
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com