Electronic Components Datasheet Search
  English  ▼

X  

AM1808AZCE3 Datasheet(PDF) 161 Page - Texas Instruments

Part # AM1808AZCE3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE3 Datasheet(HTML) 161 Page - Texas Instruments

Back Button AM1808AZCE3 Datasheet HTML 157Page - Texas Instruments AM1808AZCE3 Datasheet HTML 158Page - Texas Instruments AM1808AZCE3 Datasheet HTML 159Page - Texas Instruments AM1808AZCE3 Datasheet HTML 160Page - Texas Instruments AM1808AZCE3 Datasheet HTML 161Page - Texas Instruments AM1808AZCE3 Datasheet HTML 162Page - Texas Instruments AM1808AZCE3 Datasheet HTML 163Page - Texas Instruments AM1808AZCE3 Datasheet HTML 164Page - Texas Instruments AM1808AZCE3 Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 264 page
background image
AM1808
www.ti.com
SPRS653 – FEBRUARY 2010
Table 6-76. General Timing Requirements for SPI1 Master Modes(1)
1.3V, 1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(SPC)M
Cycle Time, SPI1_CLK, All Master Modes
20(2)
256P
30(2)
256P
40(2)
256P
ns
Pulse Width High, SPI1_CLK, All Master
2
tw(SPCH)M
0.5M-1
0.5M-1
0.5M-1
ns
Modes
Pulse Width Low, SPI1_CLK, All Master
3
tw(SPCL)M
0.5M-1
0.5M-1
0.5M-1
ns
Modes
Polarity = 0, Phase =
0,
5
5
6
to SPI1_CLK rising
Polarity = 0, Phase =
Delay, initial data
1,
-0.5M+5
-0.5M+5
-0.5M+6
bit valid on
to SPI1_CLK rising
4,5
td(SIMO_SPC)M
SPI1_SIMO to
ns
Polarity = 1, Phase =
initial edge on
0,
5
5
6
SPI1_CLK(3)
to SPI1_CLK falling
Polarity = 1, Phase =
1,
-0.5M+5
-0.5M+5
-0.5M+6
to SPI1_CLK falling
Polarity = 0, Phase =
0,
5
5
6
from SPI1_CLK
rising
Polarity = 0, Phase =
1,
5
5
6
Delay, subsequent from SPI1_CLK
bits valid on
falling
5
td(SPC_SIMO)M
SPI1_SIMO after
ns
Polarity = 1, Phase =
transmit edge of
0,
SPI1_CLK
5
5
6
from SPI1_CLK
falling
Polarity = 1, Phase =
1,
5
5
6
from SPI1_CLK
rising
Polarity = 0, Phase =
0,
0.5M-3
0.5M-3
0.5M-3
from SPI1_CLK
falling
Polarity = 0, Phase =
1,
0.5M-3
0.5M-3
0.5M-3
Output hold time,
from SPI1_CLK
SPI1_SIMO valid
rising
6
toh(SPC_SIMO)M after
ns
Polarity = 1, Phase =
receive edge of
0,
SPI1_CLK
0.5M-3
0.5M-3
0.5M-3
from SPI1_CLK
rising
Polarity = 1, Phase =
1,
0.5M-3
0.5M-3
0.5M-3
from SPI1_CLK
falling
(1)
P = SYSCLK2 period; M = tc(SPC)M (SPI master bit clock period)
(2)
This timing is limited by the timing shown or 2P, whichever is greater.
(3)
First bit may be MSB or LSB depending upon SPI configuration. MO(0) refers to first bit and MO(n) refers to last bit output on
SPI1_SIMO. MI(0) refers to the first bit input and MI(n) refers to the last bit input on SPI1_SOMI.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
161
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com