Electronic Components Datasheet Search
  English  ▼

X  

AM1808AZCE3 Datasheet(PDF) 258 Page - Texas Instruments

Part # AM1808AZCE3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE3 Datasheet(HTML) 258 Page - Texas Instruments

Back Button AM1808AZCE3 Datasheet HTML 254Page - Texas Instruments AM1808AZCE3 Datasheet HTML 255Page - Texas Instruments AM1808AZCE3 Datasheet HTML 256Page - Texas Instruments AM1808AZCE3 Datasheet HTML 257Page - Texas Instruments AM1808AZCE3 Datasheet HTML 258Page - Texas Instruments AM1808AZCE3 Datasheet HTML 259Page - Texas Instruments AM1808AZCE3 Datasheet HTML 260Page - Texas Instruments AM1808AZCE3 Datasheet HTML 261Page - Texas Instruments AM1808AZCE3 Datasheet HTML 262Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 264 page
background image
X
AM1808
( )
ZKB
( )
3
PREFIX
X = Experimental Device
P = Prototype Device
Blank = Production Device
DEVICE
SILICON REVISION
3 = 300 MHz (for revision A)
3 = 375 MHz (for revision B)
Blank
PACKAGE TYPE
361 Pin Plastic BGA, with Pb-free
Soldered Balls [Green], 0.65-mm Ball Pitch
ZCE =
DEVICE SPEED RANGE
TEMPERATURE RANGE (JUNCTION)
B
= Silicon Revision 2.0
= 0°C to 90°C (Commercial Grade)
= -40°C to 90°C (Industrial Grade)
D
A
= Silicon Revision 1.1
361 Pin Plastic BGA, with Pb-free
Soldered Balls [Green]; 0.80-mm Ball Pitch
ZWT =
4 = 456 MHz
A
= -40°C to 105°C( Extended Grade)
AM1808
SPRS653 – FEBRUARY 2010
www.ti.com
8
Mechanical Packaging and Orderable Information
This section describes the device orderable part numbers, packaging options, materials, thermal and
mechanical parameters.
8.1
Device and Development-Support Tool Nomenclature
Figure 8-1 provides a legend for reading the complete device.
A.
BGA = Ball Grid Array
Figure 8-1. Device Nomenclature
258
Mechanical Packaging and Orderable Information
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com