Electronic Components Datasheet Search
  English  ▼

X  

AM1808AZCE4 Datasheet(PDF) 260 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 260 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 256Page - Texas Instruments AM1808AZCE4 Datasheet HTML 257Page - Texas Instruments AM1808AZCE4 Datasheet HTML 258Page - Texas Instruments AM1808AZCE4 Datasheet HTML 259Page - Texas Instruments AM1808AZCE4 Datasheet HTML 260Page - Texas Instruments AM1808AZCE4 Datasheet HTML 261Page - Texas Instruments AM1808AZCE4 Datasheet HTML 262Page - Texas Instruments AM1808AZCE4 Datasheet HTML 263Page - Texas Instruments AM1808AZCE4 Datasheet HTML 264Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 260 / 264 page
background image
AM1808
SPRS653 – FEBRUARY 2010
www.ti.com
8.3
Thermal Data for ZWT Package
The following table(s) show the thermal resistance characteristics for the PBGA–ZWT mechanical
package.
Table 8-2. Thermal Resistance Characteristics (PBGA Package) [ZWT]
NO.
°C/W(1)
AIR FLOW (m/s)(2)
1
R
ΘJC
Junction-to-case
7.3
N/A
2
R
ΘJB
Junction-to-board
12.4
N /A
3
R
ΘJA
Junction-to-free air
23.7
0.00
4
21.0
0.50
5
20.1
1.00
R
ΘJMA
Junction-to-moving air
6
19.3
2.00
7
18.4
4.00
8
0.2
0.00
9
0.3
0.50
10
PsiJT
Junction-to-package top
0.3
1.00
11
0.4
2.00
12
0.5
4.00
13
12.3
0.00
14
12.2
0.50
15
PsiJB
Junction-to-board
12.1
1.00
16
12.0
2.00
17
11.9
4.00
(1)
These measurements were conducted in a JEDEC defined 2S2P system and will change based on environment as well as application.
For more information, see these EIA/JEDEC standards – EIA/JESD51-2, Integrated Circuits Thermal Test Method Environment
Conditions - Natural Convection (Still Air) and JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount
Packages. Power dissipation of 1W and ambient temp of 70C assumed. PCB with 2oz (70um) top and bottom copper thickness and
1.5oz (50um) inner copper thickness
(2)
m/s = meters per second
260
Mechanical Packaging and Orderable Information
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com